Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9154 Datasheet HTML 6Page - Analog Devices AD9154 Datasheet HTML 7Page - Analog Devices AD9154 Datasheet HTML 8Page - Analog Devices AD9154 Datasheet HTML 9Page - Analog Devices AD9154 Datasheet HTML 10Page - Analog Devices AD9154 Datasheet HTML 11Page - Analog Devices AD9154 Datasheet HTML 12Page - Analog Devices AD9154 Datasheet HTML 13Page - Analog Devices AD9154 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 10 of 124
AC SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V,
VTT = 1.2 V, TA = 25°C, IOUTFS = 20 mA, unless otherwise noted.
Table 9.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
−6 dBFS single tone
fDAC = 1966.08 MSPS
fOUT = 20 MHz
76
dBc
fDAC = 1966.08 MSPS
fOUT = 150 MHz
73
dBc
fDAC = 1966.08 MSPS
fOUT = 180 MHz
72
dBc
TWO-TONE THIRD INTERMODULATION DISTORTION (IMD)
−6 dBFS
fDAC = 983.04 MSPS
fOUT = 30 MHz
87
dBc
fDAC = 983.04 MSPS
fOUT = 150 MHz
77
dBc
fDAC = 1966.08 MSPS
fOUT = 30 MHz
86
dBc
fDAC = 1966.08 MSPS
fOUT = 180 MHz
78
dBc
NOISE SPECTRAL DENSITY (NSD), SINGLE TONE
0 dBFS
fDAC = 983.04 MSPS
fOUT = 150 MHz
−164
dBm/Hz
fDAC = 1966.08 MSPS
fOUT = 180 MHz
−163
dBm/Hz
5 MHz BW LTE FIRST ADJACENT CHANNEL LEAKAGE RATIO (ACLR),
SINGLE CARRIER
0 dBFS, PLL off
fDAC = 1966.08 MSPS
fOUT = 50 MHz
79
dBc
fDAC = 1966.08 MSPS
fOUT = 150 MHz
77
dBc
fDAC = 1966.08 MSPS
fOUT = 180 MHz
77
dBc
5 MHz BW LTE SECOND ACLR, SINGLE CARRIER
0 dBFS, PLL off
fDAC = 1966.08 MSPS
fOUT = 50 MHz
82
dBc
fDAC = 1966.08 MSPS
fOUT = 150 MHz
81
dBc
fDAC = 1966.08 MSPS
fOUT = 180 MHz
81
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com