Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9154 Datasheet HTML 33Page - Analog Devices AD9154 Datasheet HTML 34Page - Analog Devices AD9154 Datasheet HTML 35Page - Analog Devices AD9154 Datasheet HTML 36Page - Analog Devices AD9154 Datasheet HTML 37Page - Analog Devices AD9154 Datasheet HTML 38Page - Analog Devices AD9154 Datasheet HTML 39Page - Analog Devices AD9154 Datasheet HTML 40Page - Analog Devices AD9154 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 37 of 124
Clock and Data Recovery
The deserializer is equipped with a CDR circuit. Instead of
recovering the clock from the JESD204B serial lanes, the CDR
recovers the clocks from the SERDES PLL. The 2.825 GHz to
6 GHz output from the SERDES PLL, shown in Figure 47, is
the input to the CDR.
Select a CDR sampling mode to generate the lane rate clock
inside the device. If the desired lane rate is greater than
5.65 GHz, half rate CDR operation must be used. If the desired
lane rate is less than 5.65 GHz, disable half rate operation. If the
lane rate is less than 2.825 GHz, disable half rate and enable 2×
oversampling to recover the appropriate lane rate clock. Table 38
breaks down the CDR sampling settings that must be set
dependent on the LaneRate.
Table 38. CDR Operating Modes
LaneRate (Gbps)
(SeeTable 4)
HALFRATE,
Register 0x230,
Bit 5
CDR_OVERSAMP,
Register 0x230,
Bit 1
CDR Oversampling
Mode
0
1
CDR Full Rate Mode
0
0
CDR Half Rate Mode
1
0
The CDR circuit synchronizes the phase that samples the data on
each serial lane independently. This independent phase adjustment
per serial interface ensures accurate data sampling and eases the
implementation of multiple serial interfaces on a PCB.
After configuring the CDR circuit, reset it and then release the
reset by writing 1 and then 0 to Register 0x206, Bit 0.
DATA LINK LAYER
The data link layer of the AD9154 JESD204B interface accepts
the deserialized data from the PHYs and deframes and descrambles
them so that data octets are presented to the transport layer to
be put into DAC samples. The architecture of the data link layer
is shown in Figure 48. It consists of a synchronization FIFO for
each lane, a crossbar switch, a deframer, and descrambler.
The AD9154 can operate as a single link or dual link, high speed
JESD204B serial data interface. When operating in dual link mode,
configure both links with the same JESD204B parameters because
they share a common device clock and system reference. All eight
lanes of the JESD204B interface handle link layer communications
such as code group synchronization, frame alignment, and frame
synchronization.
The AD9154 decodes 8-bit/10-bit control characters, allowing
marking of the start and end of the frame and alignment
between serial lanes. Each AD9154 serial interface link can issue
a synchronization request by setting its SYNCOUT0±/
SYNCOUT1± signal low. The synchronization protocol follows
Section 4.9 of the JESD204B standard. When a stream of four
consecutive /K/ symbols is received, the AD9154 deactivates the
synchronization request by setting the SYNCOUT0±/
SYNCOUT1± signal high at the next internal LMFC rising
edge. Then, it waits for the transmitter to issue a lane alignment
sequence (ILAS). During the ILAS sequence, all lanes are
aligned using the /A/ to /R/ character transition as described in
the JESD204B Serial Link Establishment section. Elastic buffers
hold early arriving lane data until the alignment character of the
latest lane arrives. At this point, the buffers for all lanes are
released and all lanes are aligned (see Figure 49).
LANE 0 DESERIALIZED
AND DESCRAMBLED DATA
LANE 7 DESERIALIZED
AND DESCRAMBLED DATA
LANE 0 DATA CLOCK
LANE 7 DATA CLOCK
SERDIN0
FIFO
SERDIN7
FIFO
CROSS
BAR
SWITCH
PCLK
DATA LINK LAYER
SPI CONTROL
SYSREF
SYNCOUTx±
SYSTEM CLOCK
PHASE DETECT
LANE0 OCTETS
LANE7 OCTETS
QUAD BYTE
DEFRAMER
(QBD)
Figure 48. Data Link Layer Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com