Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 98 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9154 Datasheet HTML 94Page - Analog Devices AD9154 Datasheet HTML 95Page - Analog Devices AD9154 Datasheet HTML 96Page - Analog Devices AD9154 Datasheet HTML 97Page - Analog Devices AD9154 Datasheet HTML 98Page - Analog Devices AD9154 Datasheet HTML 99Page - Analog Devices AD9154 Datasheet HTML 100Page - Analog Devices AD9154 Datasheet HTML 101Page - Analog Devices AD9154 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 98 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
4
PD_PCLK
Power-Down Calibration Reference/SERDES PLL Clock.
0x1
R/W
0 Enable clock to SERDES PLL/calibration logic.
1 Disable clock to SERDES PLL/calibration logic.
3
PDCLOCKREC
Power-Down Clock Receiver.
0x1
R/W
0 Enable clock receiver analog buffer.
1 Power-down clock receiver analog buffer.
2
DUTY_EN
Enable Duty Cycle Control of Clock Receiver, Always = 1.
0x1
R/W
1
RF_SYNC_EN
Enable SYSREF± timing for RF clock chain.
0x1
R/W
0
RF_CLKDIV_EN
Enable RF Clock Divider. The RF clock divider divides
the input clock by 2 and provides the result to the
DAC for sampling.
0x0
R/W
0 RF clock divider disabled.
1 RF clock divider enabled.
0x081
SYSREF_
ACTRL0
[7:5]
RESERVED
Reserved.
0x0
R
4
PDSYSREF
Power Down SYSREF± Buffer. This bit powers down
the SYSREF± receiver. For Subclass 1 operation to
work, this buffer must be enabled.
0x1
R/W
3
HYS_ON
Hysteresis On. This bit enables the programmable
hysteresis control for the SYSREF± receiver.
0x0
R/W
0 Disable hysteresis in SYSREF± receiver.
1 Enable hysteresis in SYSREF± receiver.
2
SYSREF_RISE
Use SYSREF± Rising Edge.
0x0
R/W
0 Use SYSREF± falling edge for alignment.
1 Use SYSREF± rising edge for alignment.
[1:0]
HYS_CNTRL1
MSBs of Hysteresis Control. Hysteresis control bits are
control bits for the amount of hysteresis in the
SYSREF± receiver. Each of the ten bits adds 10 mV of
differential hysteresis to the receiver input. Two of
the 10 bits are contained here. The other 8 bits are in
HYS_CNTRL0.
0x0
R/W
0x082
SYSREF_
ACTRL1
[7:0]
HYS_CNTRL0
Low Bits of Hysteresis Control. Hysteresis control bits
are control bits for the amount of hysteresis in the
SYSREF± receiver. Each of the ten bits adds 10 mV of
differential hysteresis to the receiver input. Eight of
the 10 bits are contained here. The other 2 bits are in
HYS_CNTRL1.
0x0
R/W
0x083
DACPLLCNTRL
7
SYNTH_RECAL
Recalibrate VCO Band. Set this bit to reinitialize the
calibration of the VCO band in the DAC PLL. This bit
does not power cycle the DAC PLL, nor does it
recalibrate the charge pump. Set this bit after
changing any setting associated with the PLL. Do not
set this bit until after an initial PLL lock is achieved.
0x0
R/W
[6:5]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com