Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 82 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9154 Datasheet HTML 78Page - Analog Devices AD9154 Datasheet HTML 79Page - Analog Devices AD9154 Datasheet HTML 80Page - Analog Devices AD9154 Datasheet HTML 81Page - Analog Devices AD9154 Datasheet HTML 82Page - Analog Devices AD9154 Datasheet HTML 83Page - Analog Devices AD9154 Datasheet HTML 84Page - Analog Devices AD9154 Datasheet HTML 85Page - Analog Devices AD9154 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 82 of 124
•
For each via pair, place a pair of ground vias adjacent to them
to minimize the impedance discontinuity (see Figure 85).
LAYER 1
LAYER 2
LAYER 3
LAYER 4
LAYER 5
LAYER 6
LAYER 7
LAYER 8
MINIMIZE STUB EFFECT
GND
GND
DIFF–
DIFF+
y
y
y
ADD GROUND VIAS
STANDARD VIA
Figure 85. Minimizing Stub Effect and Adding Ground Vias for Differential
Stripline Traces
Return Loss
The JESD204B specification limits the amount of return loss
allowed in a converter device and a logic device, but does not
specify return loss for the channel. However, every effort must
be made to maintain a continuous impedance on the transmission
line between the transmitting logic device and the AD9154. As
mentioned in the Insertion Loss section, minimizing the use of
vias, or eliminating them all together, reduces one of the primary
sources for impedance mismatches on a transmission line.
Maintain a solid reference beneath (for microstrip) or above
and below (for stripline) the differential traces to ensure continuity
in the impedance of the transmission line. If the stripline technique
is used, follow the guidelines listed in the Insertion Loss section
to minimize impedance mismatches and stub effects.
Another primary source for impedance mismatch is at either end
of the transmission line, where care must be taken to match the
impedance of the termination to that of the transmission line.
The AD9154 handles this internally with a calibrated termination
scheme for the receiving end of the line. See the Interface
Power-Up and Input Termination section for details on this
circuit and the calibration routine.
Signal Skew
There are many sources for signal skew, but the two sources to
consider when laying out a PCB are interconnect skew within a
single JESD204B link and skew between multiple JESD204B links.
In each case, keeping the channel lengths matched to within 15 mm
is adequate for operating the JESD204B link at speeds of up to
10.6 Gbps. Managing the interconnect skew within a single link
is fairly straightforward. Managing multiple links across multiple
devices is more complex. However, follow the 15 mm guideline
for length matching.
Topology
Structure the differential SERDINx± pairs to achieve 50 Ω to
ground for each half of the pair. Stripline vs. microstrip trade-
offs are described in the Insertion Loss section. In either case, it
is important to keep these transmission lines separated from
potential noise sources such as high speed digital signals and
noisy supplies. If using stripline differential traces, route them
using a coplanar method, with both traces on the same layer.
Although this does not offer more noise immunity than the
broadside routing method (traces routed on adjacent layers),
it is easier to route and manufacture so that the impedance
continuity is maintained. An illustration of broadside vs.
coplanar is shown in Figure 86.
Tx DIFF A
Tx
DIFF A
Tx
DIFF B
Tx
ACTIVE
Tx DIFF B
Tx ACTIVE
BROADSIDE DIFFERENTIAL Tx LINES
COPLANAR DIFFERENTIAL Tx LINES
Figure 86. Broadside vs. Coplanar Differential Stripline Routing Techniques
When considering the trace width vs. copper weight and
thickness, the speed of the interface must be considered. At
multigigabit speeds, the skin effect of the conducting material
confines the current flow to the surface. Maximize the surface
area of the conductor by making the trace width made wider to
reduce the losses. Additionally, loosely couple differential traces
to accommodate the wider trace widths. This helps reduce the
crosstalk and minimize the impedance mismatch when the traces
must separate to accommodate components, vias, connectors,
or other routing obstacles. Tightly coupled vs. loosely coupled
differential traces are shown in Figure 87.
Tx
DIFF A
Tx
DIFF A
Tx
DIFF B
Tx
DIFF B
TIGHTLY COUPLED
DIFFERENTIAL Tx LINES
LOOSELEY COUPLED
DIFFERENTIAL Tx LINES
Figure 87. Tightly Coupled vs. Loosely Coupled Differential Traces
AC Coupling Capacitors
The AD9154 requires that the JESD204B input signals be
ac-coupled to the source. These capacitors must be 100 nF and
placed as close as possible to the transmitting logic device. To
minimize the impedance mismatch at the pads, select the
package size of the capacitor so that the pad size on the PCB
matches the trace width as closely as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com