Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9154 Datasheet HTML 32Page - Analog Devices AD9154 Datasheet HTML 33Page - Analog Devices AD9154 Datasheet HTML 34Page - Analog Devices AD9154 Datasheet HTML 35Page - Analog Devices AD9154 Datasheet HTML 36Page - Analog Devices AD9154 Datasheet HTML 37Page - Analog Devices AD9154 Datasheet HTML 38Page - Analog Devices AD9154 Datasheet HTML 39Page - Analog Devices AD9154 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 36 of 124
Clock Multiplication Relationships
The following clocks rates are used throughout the rest of the
JESD204B section. The relationship between any of the clocks
can be derived from the following equations:
DataRate = (DACRate)/(InterpolationFactor)
LaneRate = (20 × DataRate × M)/L
ByteRate = LaneRate/10
where:
M is the JESD204B parameter for converters per link.
L is the JESD204B parameter for lanes per link.
F is the JESD204B parameter for octets per frame per lane.
This comes from 8-bit/10-bit encoding, where each byte is
represented by 10 bits.
PClockRate = ByteRate/4
The processing clock is used for a quad-byte decoder.
FrameRate = ByteRate/F
where F is defined as (bytes per frame) per lane.
PClockFactor = FrameRate/PClockRate = 4/F
SERDES PLL
Functional Overview of the SERDES PLL
The independent SERDES PLL uses integer-N techniques to
achieve clock synthesis. The entire SERDES PLL is integrated
on chip, including the VCO and the loop filter. The SERDES
PLL VCO operates over the range of 5.65 GHz to 12 GHz.
In the SERDES PLL, a VCO divider block divides the VCO
clock by 2 to generate a 2.825 GHz to 6 GHz quadrature clock
for the deserializer cores. This clock is the input to the CDR
block described in the Clock and Data Recovery section.
The reference clock to the SERDES PLL is always running at a
frequency of fREF = 1/40 of the lane rate = PClockRate. This clock is
divided by a DivFactor to deliver a clock to the PFD block that
is between 35 MHz and 80 MHz. Table 37 includes the respective
SERDES_PLL_DIV_MODE register settings for each of the
desired DivFactor options available.
Table 37. SERDES PLL Divider Settings
LaneRate (Gbps)
(see Table 4)
Divide by
(DivFactor)
SPI_CDR_OVERSAMP
Register 0x289, Bits[1:0]
CDR
Oversampling
Mode
1
2
CDR Full Rate
Mode
2
1
CDR Half Rate
Mode
4
0
Register 0x280 controls the synthesizer enable and recalibration.
To enable the SERDES PLL, first set the PLL divider register
according to Table 37, then enable the SERDES PLL by writing
Register 0x280, Bit 0 to 1.
Confirm that the SERDES PLL is working by reading
Register 0x281. If Register 0x281, Bit 0 = 1, the SERDES PLL is
locked. If Register 0x281, Bit 3 = 1, the SERDES PLL is successfully
calibrated. If Register 0x281, Bit 4 or Register 0x281, Bit 5 are high,
the PLL hits the upper or lower end of its calibration band and
must be recalibrated by writing 0 and then 1 to Register 0x280,
Bit 2.
SERDES PLL Fixed Register Writes
To optimize the SERDES PLL across all operating conditions,
the following register writes to the following locations are
recommended: 0x284, 0x285, 0x286, 0x287, 0x28A, 0x28B,
0x290, 0x291, 0x294, 0x296, 0x297, 0x299, 0x29A, 0x29C,
0x29F, and 0x2A0 as shown in Table 21.
SERDES PLL IRQ
SERDES PLL lock and lost signals are available as IRQ events.
Use Register 0x01F, Bit 3 and Bit2 to enable these signals, and then
use Register 0x023, Bit 3 and Bit 2 to read back their statuses and
reset the IRQ signals. See the Interrupt Request Operation
section for more information.
LC VCO
5.65GHz TO 12GHz
CHARGE
PUMP
PFD
80MHz
MAX
UP
DOWN
fREF
BIT RATE ÷ 40
3.2mA
CALIBRATION
CONTROL
BITS
R1
C1
R3
C2
C3
VCO
LDO
÷2
÷80
2.825GHz TO 6GHz
OUTPUT
I Q
DivFactor
(1, 2, 4)
Figure 47. SERDES PLL Synthesizer Block Diagram Including VCO Divider Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com