Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 99 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 99 Page - Analog Devices

Back Button AD9154 Datasheet HTML 95Page - Analog Devices AD9154 Datasheet HTML 96Page - Analog Devices AD9154 Datasheet HTML 97Page - Analog Devices AD9154 Datasheet HTML 98Page - Analog Devices AD9154 Datasheet HTML 99Page - Analog Devices AD9154 Datasheet HTML 100Page - Analog Devices AD9154 Datasheet HTML 101Page - Analog Devices AD9154 Datasheet HTML 102Page - Analog Devices AD9154 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 99 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
4
ENABLE_SYNTH
Synthesizer Enable. The bit initiates the start-up
sequence of the DAC PLL. The start-up sequence is as
follows:
0x0
R/W
1. Enable the bias currents.
2. Enable DAC LDO.
3. Wait for LDO to settle.
4. Calibrate DAC PLL charge pump (The DAC charge
pump will only calibrate upon the first setting of
ENABLE_SYNTH).
5. Calibrate the band of the PLL.
6. Settle and lock.
0 Disable synthesizer including all currents and
calibration codes.
1 Power up synthesizer and initiate calibration sequence.
[3:0]
RESERVED
Reserved.
0x0
R
0x084
DACPLL-
STATUS
7
CP_
OVERRANGE_H
Charge Pump High Overrange. This bit indicates that
the charge pump voltage is too high and a
recalibration must be applied.
0x0
R
0 Control voltage not too high.
1 Control voltage too high.
6
CP_
OVERRANGE_L
Charge Pump Low Overrange. This bit indicates that
the charge pump voltage is too low and a
recalibration must be applied.
0x0
R
0 Control voltage not too low.
1 Control VOLTAGE too low.
5
CP_CAL_VALID
Charge Pump Calibration Valid. This bit indicates that
the charge pump has been successfully calibrated.
The selection as to whether the charge pump needs
to be calibrated upon startup can be found in
Register 0x1B9.
0x0
R
0 If CP_CAL_EN low, this stays low.
1 If CP_CAL_EN high (def), this happens when charge
pump is calibrated.
4
VCO_CAL_
PROGRESS
VCO Calibration in Progress. This bit is high if the VCO
calibration is currently occurring. If this bit is high for
more than 1 sec there is something wrong with the
VCO calibration.
0x0
R
0 VCO not calibrating.
1 VCO calibrating.
[3:2]
RESERVED
Reserved.
0x0
R
1
RFPLL_LOCK
PLL Lock bit. This bit is set high by the PLL once the
PLL has achieved lock for the count set by
LOCK_MODE bits in Register 0x1C0.
0x0
R
1 PLL locked.
0 PLL unlocked.
0
RESERVED
Reserved.
0x0
R
0x085
DACINTEGER
WORD0
[7:0]
BCOUNT
Bits[7:0] of the Integer Tuning Word. This bit controls
the integer feedback divider for the DAC PLL. The
frequency of the DAC clock can be determined by
the following equations:
0x6
R/W
fDAC = fREF/(REFDIVMODE ) × 2 × BCount
fVCO = fREF /(REFDIVMODE ) × 2 × BCount ×
LODivMode
The minimum value is 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com