Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9154 Datasheet HTML 30Page - Analog Devices AD9154 Datasheet HTML 31Page - Analog Devices AD9154 Datasheet HTML 32Page - Analog Devices AD9154 Datasheet HTML 33Page - Analog Devices AD9154 Datasheet HTML 34Page - Analog Devices AD9154 Datasheet HTML 35Page - Analog Devices AD9154 Datasheet HTML 36Page - Analog Devices AD9154 Datasheet HTML 37Page - Analog Devices AD9154 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 34 of 124
Table 35. Dual Link JESD204B Operating Modes for Link 0 and Link 1
Mode
Parameter
4
5
6
7
9
10
M (Converter Counts)
2
2
2
2
1
1
L (Lane Counts)
4
4
2
1
2
1
S (Samples per Converter per Frame)
1
2
1
1
1
1
F (Octets/Frame per Lane)
1
2
2
4
1
2
Example Clock for 10 Gbps Lane Rate
PClock (MHz)
250
250
250
250
250
250
Frame Clock (MHz)
1000
500
500
250
1000
500
Sample Clock (MHz)
1000
1000
500
250
1000
500
EQUALIZER
CDR
1:40
DESERIALIZER
FROM SERDES PLL
SPI CONTROL
TERMINATION
SERDINx±
Figure 42. Deserializer Block Diagram
PHYSICAL LAYER
The physical layer of the JESD204B interface, hereafter referred
to as the deserializer, has eight identical channels. Each channel
consists of the terminators, an equalizer, a CDR circuit, and the
1:40 demux function (see Figure 42).
JESD204B data is input to the AD9154 via the SERDINx± 1.2 V
differential input pins as per the JESD204B specification.
Power-Down Unused PHYs
Note that any unused and enabled lanes unnecessarily consume
extra power. Each lane that is not in use (SERDINx±) must be
powered off by writing a 1 to the corresponding bit of PHY_PD
(Register 0x201).
Interface Power-Up and Input Termination
Before using the JESD204B interface, it must be powered up by
setting Register 0x200[0] = 0. In addition, each physical lane that is
not being used (SERDINx±) must be powered down. To do so,
set the corresponding Bit x for Physical Lane x in Register 0x201 to
0 if the physical lane is being used, and to 1 if it is not being used.
The AD9154 autocalibrates the input termination to 50 Ω.
Register 0x2A7 controls autocalibration for PHY 0, PHY 1,
PHY 6, and PHY 7. Register 0x2AE controls autocalibration for
PHY 2, PHY 3, PHY 4, and PHY 5. The PHY termination
autocalibration routine is shown in Table 36.
Table 36. PHY Termination Autocalibration Routine
Address
Value
Description
0x2A7
0x01
Autotune PHY terminations
0x2AE
0x01
Autotune PHY terminations
The input termination voltage of the DAC is sourced externally
via the VTT pins (Pin 21, Pin 25, Pin 42, and Pin 46). Set VTT by
connecting it to SVDD12. It is recommended that the JESD204B
inputs be ac-coupled to the JESD204B transmit device using
100 nF capacitors.
Receiver Eye Mask
The AD9154 complies with the JESD204B specification regarding
the receiver eye mask and can capture data that complies with
this mask without equalization. With equalization enabled, the
AD9154 can reliably capture from signals with much smaller
eye openings. Figure 43 shows the receiver eye mask normalized to
the data rate interval with a 600 mV VTT swing. See the JESD204B
specification for more information regarding the eye mask and
permitted receiver eye opening.
525
55
0
–55
–525
0
0.5
1.00
0.35
0.65
TIME (UI)
LV-OIF-11G-SR TX EYE MASK
(3.125Mbps ≥ UI ≤ 12.5Gbps)
Figure 43. Receiver Eye Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com