Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9154 Datasheet HTML 62Page - Analog Devices AD9154 Datasheet HTML 63Page - Analog Devices AD9154 Datasheet HTML 64Page - Analog Devices AD9154 Datasheet HTML 65Page - Analog Devices AD9154 Datasheet HTML 66Page - Analog Devices AD9154 Datasheet HTML 67Page - Analog Devices AD9154 Datasheet HTML 68Page - Analog Devices AD9154 Datasheet HTML 69Page - Analog Devices AD9154 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 66 of 124
Data Key NCO Alignment
In addition to supporting the SYSREF± alignment mode, the
AD9154 supports a mode where the NCO phase alignment
occurs when a user-specified pattern is seen at the DAC input.
The steps to achieve a data key NCO alignment are as follows:
1. Set NCOCLRMODE (Register 0x050, Bits[1:0]) = 0b10.
2. Write the expected 16-bit data key for the I and Q datapath
into NCOKEYIx (Register 0x051 to Register 0x052) and
NCOKEYQ (Register 0x053 to Register 0x054), respectively.
3. Set NCOCLRARM (Register 0x050, Bit 7) = 1.
4. Send the expected 16-bit I and Q data keys to the device to
achieve NCO alignment.
5. Check the alignment status. If the expected data key was seen
at the DAC input, then NCOCLRMTCH (Register 0x050,
Bit 5) = 1. If NCO phase alignment was successful,
NCOCLRPASS (Register 0x050, Bit 4) = 1. If phase
alignment failed, NCO_ALIGN_FAIL (Register 0x050,
Bit 3) = 1.
Multiple device NCO alignment can be achieved with the data
key alignment mode. To achieve multichip NCO alignment,
program the same expected data key on all devices, arm all
devices, and then send the data key to all devices/channels at
the same time.
NCO Alignment IRQ
An IRQ event showing whether the NCO align was tripped is
available.
Use Register 0x021, Bit 4 to enable DAC Dual A (DAC0 and
DAC1), and then use Register 0x025, Bit 4 to read back its status
and reset the IRQ signal.
Use Register 0x022, Bit 4 to enable DAC Dual B (DAC2 and
DAC3), and then use Register 0x026, Bit 4 to read back its status
and reset the IRQ signal.
See the Interrupt Request Operation section for more
information.
DOWNSTREAM PROTECTION
The AD9154 has several blocks designed to protect the power
amplifier (PA) in its board level signal chain, as well as other down-
stream blocks. It consists of a power detection and protection
(PDP) block, a blanking state machine (BSM), and a transmit
enable state machine (Tx ENSM).
The PDP block monitors incoming data. If a moving average of
the data power goes above a threshold, the PDP block provides
a signal (PDP_PROTECT) that can be routed externally on the
PDP OUT0 and PDP OUT1 pins.
The Tx ENSM is a simpler block that controls delay between
TXENx and the Tx_PROTECT signal. The Tx_PROTECT signal is
used as an input to the BSM and its inverse can optionally be
routed externally. Optionally, the Tx ENSM can also power
down its associated DAC dual.
The BSM gently ramps data entering the DAC and flushes the
datapath. The BSM is activated by the Tx_PROTECT signal or
automatically by the LMFC sync logic during a rotation. Digital
gain must be enabled for proper function. Finally, some simple
logic takes the outputs from each of those blocks and uses them
to generate a desired PDP OUTx signal on an external pin. This
signal can enable/disable downstream components, such as a PA.
Power Detection and Protection
The input signal PDP block detects the average power of the
DAC input signal and to prevent overrange signals from being
passed to the next stage, which may potentially cause destructive
breakdown on power sensitive devices, such as PAs. The protection
function provides a signal (PDP_PROTECT) that can be routed
externally to shut down a PA.
The PDP block uses a separate path with a shorter latency than
the datapath to ensure that PDP_PROTECT gets triggered before
the overrange signal reaches the analog DAC cores. The sum of
the I2 and Q2 are calculated as a representation of the input signal
power (only the top seven MSBs of data samples are used). The
calculated sample power numbers are accumulated through a
moving average filter whose output is the average of the input
signal power in a certain number of samples. When the output of
the averaging filter is larger than the threshold, the internal signal
PDP_PROTECT goes high, which can optionally be configured to
trigger a signal on the PDP OUTx pins. The PDP block is
configured as shown in Table 71 and paged as described in the
Dual Paging section.
The choice of PDP_AVG_TIME (Register 0x062) and
PDP_THRESHOLD[12:0] (Register 0x060 to Register 0x061)
for effective protection are application dependent. Experiment
with real-world vectors to ensure proper configuration. The
PDP_POWER[12:0] readback (Register 0x063 to Register 0x064)
can help by storing the maximum power when a set threshold
passes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com