Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 49 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 49 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 45Page - Texas Instruments GC4016 Datasheet HTML 46Page - Texas Instruments GC4016 Datasheet HTML 47Page - Texas Instruments GC4016 Datasheet HTML 48Page - Texas Instruments GC4016 Datasheet HTML 49Page - Texas Instruments GC4016 Datasheet HTML 50Page - Texas Instruments GC4016 Datasheet HTML 51Page - Texas Instruments GC4016 Datasheet HTML 52Page - Texas Instruments GC4016 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
© GRAYCHIP,INC.
- 44 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
ADDRESS 19:
Final Shift Register, Suggested default = 0x34
ADDRESS 20:
Channel Map Register, Suggested default = 0xE4
This register maps down converter channels to output (resampler) channels. For most applications this will be a simple map
of channel A to output channel 0, channel B to output channel 1, etc. However, for multichannel modes (see Section 3.4) such
as SPLITIQ two or even four channels may be directed to the same output channel.
ADDRESS 21:
Add-To Register, Suggested default = 0x70
When processing complex input signals partial results are computed in adjacent channels that must be summed together to
produce a meaningful result. This control bit informs the resampler to save the data presented to it’s input and add it to the next
sample presented (if the chip is properly set up this will be from the next channel). In this manner the real and imaginary portions
of the input are rejoined prior to resampling.
ADDRESS 22:
Resampler Clock Divide Register, Suggested default = 0x00
In many applications only a small portion of the resampler computational throughput is required. Power can be reduced by
dividing the clock driving the resampler. The resampler clock rate is 2*FCK/(1+RES_CLK_DIV). Caution must be used to avoid
BIT
TYPE
NAME
DESCRIPTION
0-3 LSB
R/W
FINAL_SHIFT
The final shift up applied to all output channels before rounding and outputting.
Legal values are 0-15.
4-5
R/W
ROUND
Round the output to 12 (ROUND=0), 16 (ROUND=1), 20 bits (ROUND=2) or 24
bits (ROUND=3). Note, the data is output from the resampler in all cases as 24
bit words. Rounding is into the MSBs, unused LSBs of the 24 bit output words
are not cleared. The chip’s output word size is set by BITS_PER_WORD in the
output page, not by ROUND.
6
R/W
TAG_22
Two bit tag mode. Replaces the 2 LSBs of the 24 bit resampler output word with
the 2 LSBs of the tag words. Changes the 24 bit round mode (ROUND=3), if it is
used, to be a 22 bit round mode.
7 (MSB
R/W
Unused
BIT
TYPE
NAME
DESCRIPTION
0-1 LSB
R/W
CHAN_MAP_A
The channel map for channel A. This tells the hardware which output channel
the results of down converter channel A should be directed to.
2-3
R/W
CHAN_MAP_B
The channel map for down converter channel B.
4-5
R/W
CHAN_MAP_C
The channel map for down converter channel C.
6-7 MSB
R/W
CHAN_MAP_D
The channel map for down converter channel D.
BIT
TYPE
NAME
DESCRIPTION
0 LSB
R/W
ADD_A_TO_B
Add down converter channel A to down converter channel B.
1
R/W
ADD_B_TO_C
Add down converter channel B to down converter channel C.
2
R/W
ADD_C_TO_D
Add down converter channel C to down converter channel D.
3
R/W
ADD_D_TO_NEXT_A
Not useful. Must be set to zero.
4-6
R/W
RATIO_SYNC
Changes to the ratio map (address 23) are synchronized to this sync source.
7 MSB
R/W
Unused
BIT
TYPE
NAME
DESCRIPTION
0-7
R/W
RES_CLK_DIV
Resampler clock division.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com