Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 20 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 20 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 16Page - Texas Instruments GC4016 Datasheet HTML 17Page - Texas Instruments GC4016 Datasheet HTML 18Page - Texas Instruments GC4016 Datasheet HTML 19Page - Texas Instruments GC4016 Datasheet HTML 20Page - Texas Instruments GC4016 Datasheet HTML 21Page - Texas Instruments GC4016 Datasheet HTML 22Page - Texas Instruments GC4016 Datasheet HTML 23Page - Texas Instruments GC4016 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
© GRAYCHIP,INC.
- 15 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
gain is:
where RES_SUM is the sum of the QTAP coefficients.
3.5.6 By-Passing the Resampler
The resampler is bypassed by using a configuration
which has h0 set to 1024, all other taps set to zero, NMULT
set to 7, NO_SYM_RES set to 1, FINAL_SHIFT set to 5, and
RATIO set to 226 (0x04000000). Note that the NDELAY term
in the RES_GAIN equation shown above does not apply in
this case and should be set to unity in the gain equation.
3.5.7 Adaptive Ratio Change
The ratio maps (address 23) can be used to dynamically
adjust each channel’s resampling ratio. Four different ratios
can be loaded into the chip. The ratio map indicates which
ratio is to be used by which channel. This feature can be
used to lock the resampling to a desired output timing by
adaptively selecting ratios which are slightly larger or smaller
or equal to the desired ratio. If the timing needs to be
accelerated, then the larger ratio is selected, if the timing is
correct, then the exact ratio is used and if the timing needs to
be retarded, then a smaller ratio is used. The ratio change
can be synchronized using the RATIO_SYNC control in
address 21.
3.6
OVERALL GAIN
The overall gain of the chip is a function of the amount
of blanking (NZEROS), the decimation programmed into the
chip (N), the scale circuit setting in the CIC filter (SHIFT,
SCALE
and
BIG_SCALE),
the
coarse
gain
setting
(COARSE), the sum of the CFIR coefficients (CFIR_SUM),
the sum of the PFIR coefficients (PFIR_SUM), the fine gain
(FINE_GAIN), the sum of the resampler coefficients
(RES_SUM), the number of delays in the resampler filter
(NDELAY) and the final shift (FINAL_SHIFT). The overall
gain is shown below. The term in braces should be less than
or equal to unity. Note that the NDELAY term is unity if the
resampler is bypassed (see Section 3.5.6).
Unity gain is defined relative to the MSB of the I/O data.
Unity gain means that a maximum DC input with a tuning
frequency of zero, will produce a maximum DC output,
independent of the I/O words sizes.
3.7
PEAK COUNTER
Each channel has a peak counter which can monitor the
input signal’s strength, or can count the number of overflows
detected at three points within the channel. The peak counter
can count overflows due to the COARSE_GAIN circuit, it can
count overflows at the output from the CFIR, and it can count
overflows at the output of the PFIR.
If PEAK_MODE is set to 0 in address 28 of the channel
control page, then the peak counter will monitor the signal
strength at the input to the channel. The magnitude of each
input sample is compared against a threshold selected by the
PEAK_THRESH control in the same address. The threshold
can be 1/4, 1/2 3/4 or full scale. The peak counter increments
each time the magnitude equals or exceeds the threshold.
The input threshold crossings can be used in an AGC loop to
optimize the input signal level to the ADC.
If PEAK_MODE is 1, then the peak counter monitors
overflows at points selected by the PEAK_SELECT control in
address 26 of the channel control page. The peak counter
increments each time an overflow is detected. Note that the
data value is saturated to plus or minus full scale, as
appropriate, when the overflow occurs. The overflow count
can be used to check if the signal gain is set too high
anywhere along the processing chain.
The counter counts up to 255 and stops. The counter
value is saved in a holding register and the counter is cleared
by the sync selected by the PEAK_SYNC signal (see register
28). The sync can either be one of the chip’s input syncs, a
one-shot pulse, or the terminal count of the chip’s sync
counter. A periodic sync allows the user to count threshold
crossings or overflows during fixed time periods.
The user reads the count through the PEAK_COUNT
control register at address 29 of the channel control page.
The holding register contents are transferred to the
PEAK_COUNT register a clock cycle after the user reads the
PEAK_COUNT register. This transfer is delayed to prevent
the user from reading a peak count value at the same time
the circuit is updating the register.
Note that there are two other points in the chip where
overflows can occur. The first is at the input to the resampler
where samples from two channels can be added together as
when processing complex input data. This may cause an
overflow even though the samples feeding the resampler did
not overflow. If an overflow occurs here, the sample is
saturated and a control bit in the status register (address 1)
RES_GAIN
RES_SUM
32768
NDELAY
×
-----------------------------------------------
(
) 2FINAL_SHIFT
(
)
=
GAIN
1
NZEROS
1
+
---------------------
(
)N
5
2
SHIFT
SCALE6
BIG_SCALE
×
62
–
+
+
(
)
2
COARSE
(
) CFIR_SUM
65536
-------------------
(
) PFIR_SUM
65536
-------------------
(
) FINE_GAIN
1024
--------------------
(
)
RES_SUM
32768
NDELAY
×
----------------------------------------------
(
) 2FINAL_SHIFT
(
)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com