Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 17 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 17 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 13Page - Texas Instruments GC4016 Datasheet HTML 14Page - Texas Instruments GC4016 Datasheet HTML 15Page - Texas Instruments GC4016 Datasheet HTML 16Page - Texas Instruments GC4016 Datasheet HTML 17Page - Texas Instruments GC4016 Datasheet HTML 18Page - Texas Instruments GC4016 Datasheet HTML 19Page - Texas Instruments GC4016 Datasheet HTML 20Page - Texas Instruments GC4016 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
© GRAYCHIP,INC.
- 12 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
Table 2: Multichannel mode settings
Input
Real
Complex
Output
Rate
Two 2X output channels
Single 4x output channel
1x
2x
Output
Format
Complex
Real
Complex
Real
Complex
Real
Complex
Real
Channel
A
B
C
D
A
B
C
D
A
B
C
D
A
B
C
D
A
B
C
D
A
B
C
D
A
B
C
D
A
B
C
D
SPLITIQ
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
PHASE
0
90
0
90
0
90
0
90
0
90
0
90
0
90
0
90
0
90
0
90
0
90
0
90
0
90
0
-90 0
90
0
-90
QDLY_CFIR 0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
IDLY_PFIR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
0
0
0
0
QDLY_PFIR 0
0
0
0
1
0
1
0
1
1
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
NEG_CTL
0
0
0
0
5
10
5
10
0
0
0
0
0
15
15
0
0
0
0
0
6
6
6
6
0
0
0
0
5
5
10
10
IONLY
1
0
1
0
0
0
0
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
QONLY
0
1
0
1
1
1
1
1
0
1
0
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
1
1
1
1
ADD_TO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
CHAN_MAP 0
0
1
1
0
0
1
1
0
0
0
0
0
0
0
0
0
0
1
1
0
0
1
1
0
0
0
0
0
0
0
0
3.5
RESAMPLER
The resampler will independently filter and change the
data rate of each channel. The most common application of
the resampler is to increase the sample rate of the data so
that it will match a desired symbol or bit rate. Demodulators
for digital modulation schemes, such as GMSK, QPSK, QAM
or CDMA, for example, require sample rates which are 1X,
2X, 4X or 8X times the bit or symbol rate of the modulation.
In these cases, the maximum down converter filter
performance is achieved when the PFIR output rate is
around 1.5 to 2 times the signal’s bandwidth1. The resampler
is then used to increase the sample rate up to the required
2X, 4X or 8X rate.
Section 7.7 shows example resampler configurations
and their performance.
The resampler can also be used as an additional filter to
optimize the passband or stopband response of the channel.
3.5.1 Functional Description
The
resampler
consists
of
an
input
buffer,
an
interpolation filter, and a final shift block. A functional block
diagram of the resampler is shown in Figure 12.
The resampler’s sampling rate change is the ratio
NDELAY/NDEC where NDELAY and NDEC are the
interpolation and decimation factors shown in Figure 12. The
decimation amount NDEC is a mixed integer/fractional
number. When NDEC is an integer, then the exact sampling
instance is computed and there is no phase jitter. If NDEC is
fractional, then the desired sampling instance will not be one
of the possible NDELAY interpolated values. Instead the
nearest interpolated sample is used. This introduces a timing
error (jitter) of no more than 1/(2*NDELAY) times the input
sample period.
The input buffer accepts 24 bit data from the four input
channels, and adds them as necessary to form 1,2, or 4
resampler channels (see the ADD_TO control bits in address
21 of the resampler control page). The input buffer serves
both as a FIFO between the channels and the resampler,
and as a data delay line for the interpolation filter. The 64
complex word input buffer can be configured as four
segments of 16 complex words each to support 4 resampler
1. The PFIR’s 63 tap filter’s stopband, transition band and passband ripple
performance improves as its output rate decreases relative to the signal’s
bandwidth. The resampler’s performance, however, begins to decrease when
the PFIR output rate is below 1.5 times the signal’s bandwidth.
INPUT
BUFFER
NDELAY
NDEC
FINAL
ROUND
Interpolation Filter
Fractional
Decimation
Resampling Filter
QTAP Filter Coefs
Figure 12. Resampler Channel Block Diagram
SHIFT
AND
IN
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com