| Electronic Components Datasheet Search |
|
GC4016 Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
GC4016 Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 83 page ![]() © GRAYCHIP,INC. - 28 - August 27, 2001 GC4016 MULTI-STANDARD QUAD DDC CHIP DATA SHEET REV 1.0 This document contains information which may be changed at any time without notice Schematic symbols and pin assignments for the GC4016 in each of its input configurations are shown below. Figure 18. GC4016 Pin Assignments AIN13 J12 AIN12 H13 AIN11 H14 AIN10 H11 AIN9 H12 AIN8 G14 AIN7 G13 AIN6 F14 AIN5 F12 AIN4 F13 SIB D1 CK P7 E2 SO C7 A6 C6 B7 C5 A7 C4 C8 C3 B8 C2 C9 C1 A9 C0 B9 CE B4 A4 B5 A3 C5 A2 A5 GC4016 SCK D12 SFS D13 RDY A10 (MSB) (MSB) (MSB) QUAD RECEIVER A1 B6 A0 C6 WR C4 RD A4 AIN3 E14 AIN2 E12 AIN1 E13 AIN0 D14 CHIP DVAL P8 BIN13 L8 BIN12 P9 BIN11 M9 BIN10 M10 BIN9 L10 BIN8 P11 BIN7 M11 BIN6 L12 BIN5 L14 BIN4 K13 (MSB) BIN3 K14 BIN2 K12 BIN1 J13 BIN0 J14 CIN13 K1 CIN12 K3 CIN11 K2 CIN10 L1 CIN9 L3 CIN8 L2 CIN7 N4 CIN6 M4 CIN5 L4 CIN4 N5 (MSB) CIN3 N6 CIN2 P6 CIN1 L6 CIN0 N7 DIN13 E1 DIN12 E3 DIN11 F2 DIN10 F1 DIN9 F3 DIN8 G2 DIN7 G1 DIN6 G4 DIN5 G3 DIN4 H1 (MSB) DIN3 H2 DIN2 J1 DIN1 J3 DIN0 J2 SIA D3 P13 K4 P12 J4 P11 H4 P10 H3 P9 F4 P8 D4 (FSD) P7 D5 (FSC) P6 D7 (FSB) P5 C7 (FSA) P4 D9 B10 A11 C11 B11 P23 E11 P22 F11 P21 J11 P20 K11 P19 L11 P18 N10 P17 N9 (MSB) P16 N8 P15 M7 P14 M6 14 Bit Input Configuration 16 Bit Input Configuration 14 Bit Differential Input Configuration 12 Bit Plus Exponent Configuration NOTE: All unused inputs must be grounded AIN13 J12 AIN12 H13 AIN11 H14 AIN10 H11 AIN9 H12 AIN8 G14 AIN7 G13 AIN6 F14 AIN5 F12 AIN4 F13 SIB D1 CK P7 E2 SO C7 A6 C6 B7 C5 A7 C4 C8 C3 B8 C2 C9 C1 A9 C0 B9 CE B4 A4 B5 A3 C5 A2 A5 GC4016 SCK D12 SFS D13 RDY A10 (MSB) (MSB) (MSB) QUAD RECEIVER A1 B6 A0 C6 WR C4 RD A4 AIN3 E14 AIN2 E12 AIN1 E13 AIN0 D14 CHIP DVAL P8 BIN13 L8 BIN12 P9 BIN11 M9 BIN10 M10 BIN9 L10 BIN8 P11 BIN7 M11 BIN6 L12 BIN5 L14 BIN4 K13 (MSB) BIN3 K14 BIN2 K12 BIN1 J13 BIN0 J14 CIN13 K1 CIN12 K3 CIN11 K2 CIN10 L1 CIN9 L3 CIN8 L2 CIN7 N4 CIN6 M4 CIN5 L4 CIN4 N5 (MSB) CIN3 N6 CIN2 P6 CIN1 L6 CIN0 N7 DIN13 E1 DIN12 E3 DIN11 F2 DIN10 F1 DIN9 F3 DIN8 G2 DIN7 G1 DIN6 G4 DIN5 G3 DIN4 H1 DIN3 H2 DIN2 J1 DIN1 J3 DIN0 J2 SIA D3 P13 K4 P12 J4 P11 H4 P10 H3 P9 F4 P8 D4 (FSD) P7 D5 (FSC) P6 D7 (FSB) P5 C7 (FSA) P4 D9 B10 A11 C11 B11 P23 E11 P22 F11 P21 J11 P20 K11 P19 L11 P18 N10 P17 N9 (MSB) P16 N8 P15 M7 P14 M6 AIN13 J12 AIN12 H13 AIN11 H14 AIN10 H11 AIN9 H12 AIN8 G14 AIN7 G13 AIN6 F14 AIN5 F12 AIN4 F13 SIB D1 CK P7 E2 SO C7 A6 C6 B7 C5 A7 C4 C8 C3 B8 C2 C9 C1 A9 C0 B9 CE B4 A4 B5 A3 C5 A2 A5 GC4016 SCK D12 SFS D13 RDY A10 (MSB) (MSB) (MSB) QUAD RECEIVER A1 B6 A0 C6 WR C4 RD A4 AIN3 E14 AIN2 E12 AIN1 E13 AIN0 D14 CHIP DVAL P8 BIN13 L8 BIN12 P9 BIN11 M9 BIN10 M10 BIN9 L10 BIN8 P11 BIN7 M11 BIN6 L12 BIN5 L14 BIN4 K13 (MSB) BIN3 K14 BIN2 K12 BIN1 J13 BIN0 J14 CIN13 K1 CIN12 K3 CIN11 K2 CIN10 L1 CIN9 L3 CIN8 L2 CIN7 N4 CIN6 M4 CIN5 L4 CIN4 N5 (MSB) CIN3 N6 CIN2 P6 CIN1 L6 CIN0 N7 DIN13 E1 DIN12 E3 DIN11 F2 DIN10 F1 DIN9 F3 DIN8 G2 DIN7 G1 DIN6 G4 DIN5 G3 DIN4 H1 (MSB) DIN3 H2 DIN2 J1 DIN1 J3 DIN0 J2 SIA D3 P13 K4 P12 J4 P11 H4 P10 H3 P9 F4 P8 D4 (FSD) P7 D5 (FSC) P6 D7 (FSB) P5 C7 (FSA) P4 D9 B10 A11 C11 B11 P23 E11 P22 F11 P21 J11 P20 K11 P19 L11 P18 N10 P17 N9 (MSB) P16 N8 P15 M7 P14 M6 SIB D1 CK P7 E2 SO C7 A6 C6 B7 C5 A7 C4 C8 C3 B8 C2 C9 C1 A9 C0 B9 CE B4 A4 B5 A3 C5 A2 A5 GC4016 SCK D12 SFS D13 RDY A10 (MSB) (MSB) QUAD RECEIVER A1 B6 A0 C6 WR C4 RD A4 CHIP DVAL P8 SIA D3 P13 K4 P12 J4 P11 H4 P10 H3 P9 F4 P8 D4 (FSD) P7 D5 (FSC) P6 D7 (FSB) P5 C7 (FSA) P4 D9 B10 A11 C11 B11 P23 E11 P22 F11 P21 J11 P20 K11 P19 L11 P18 N10 P17 N9 (MSB) P16 N8 P15 M7 P14 M6 AIN13 J12 AIN12 H13 AIN11 H14 AIN10 H11 AIN9 H12 AIN8 G14 AIN7 G13 AIN6 F14 AIN5 F12 AIN4 F13 (MSB) AIN3 E14 AIN2 E12 AIN1 (EXP2) E13 AIN0 (EXP1) D14 BIN13 L8 BIN12 P9 BIN11 M9 BIN10 M10 BIN9 L10 BIN8 P11 BIN7 M11 BIN6 L12 BIN5 L14 BIN4 K13 (MSB) BIN3 K14 BIN2 K12 BIN1 (EXP2) J13 BIN0 (EXP1) J14 CIN13 K1 CIN12 K3 CIN11 K2 CIN10 L1 CIN9 L3 CIN8 L2 CIN7 N4 CIN6 M4 CIN5 L4 CIN4 N5 (MSB) CIN3 N6 CIN2 P6 CIN1 (EXP2) L6 CIN0 (EXP1) N7 DIN13 E1 DIN12 E3 DIN11 F2 DIN10 F1 DIN9 F3 DIN8 G2 DIN7 G1 DIN6 G4 DIN5 (EXP0) G3 DIN4 (A/B) H1 DIN3 (EXP0) H2 DIN2 (A/B) J1 DIN1 (EXP0) J3 DIN0 (A/B) J2 (SOUTA) P0 (SOUTB) P1 (SOUTC) P2 (SOUTD) P3 (SOUTA) P0 (SOUTB) P1 (SOUTC) P2 (SOUTD) P3 (SOUTA) P0 (SOUTB) P1 (SOUTC) P2 (SOUTD) P3 (SOUTA) P0 (SOUTB) P1 (SOUTC) P2 (SOUTD) P3 JTAG Pins are: B12 (TCK), C10 (TMS), C12 (TDO), C13 (TDI) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |