Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 32 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 32 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 28Page - Texas Instruments GC4016 Datasheet HTML 29Page - Texas Instruments GC4016 Datasheet HTML 30Page - Texas Instruments GC4016 Datasheet HTML 31Page - Texas Instruments GC4016 Datasheet HTML 32Page - Texas Instruments GC4016 Datasheet HTML 33Page - Texas Instruments GC4016 Datasheet HTML 34Page - Texas Instruments GC4016 Datasheet HTML 35Page - Texas Instruments GC4016 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
© GRAYCHIP,INC.
- 27 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
4.0
PACKAGING
4.1
GC4016-PB 160 Ball Plastic Ball Grid Array (PBGA)
The GC4016 chip is packaged in a 160 lead plastic ball grid array package.
Figure 17. GC4016 160 Pin Plastic Ball Grid Array
VCORE:
GND:
NOTE: 0.01 to 0.1
µf DECOUPLING CAPACITORS SHOULD BE PLACED
AS CLOSE AS POSSIBLE TO THE MIDDLE OF EACH SIDE OF THE CHIP
UNUSED:
DIMENSION
TYP
D
TOLERANCE
(width body)
15 mm
D1 (width cover)
13 mm
P
(ball pitch)
1.0 mm
B
(ball width)
0.5 mm
L
(overhang)
1.0 mm
A
(overall height)
1.56 mm
A1 (ball height)
0.4 mm
+-0,05 mm
+0.7 -0.05 mm
+-0.05 mm
+-0.1 mm
+-0.05 mm
+0.19 -0.21 mm
+-0.1 mm
0.4 mm
13 mm
1.56 mm
0.36 mm
A
B
C
D
E
F
G
H
J
K
L
M
N
P
1 2 3 4 5 6 7 8 9 10 11 12 13 14
A
B
C
D
E
F
G
H
J
K
L
M
N
P
1 2 3 4 5 6 7 8 9 10 11 12 13 14
1.0 mm
0.5 mm
GC4016-PB
QUAD DDC
MMMMMM
GRAYCHIP
TOP VIEW
BOTTOM VIEW
A2 (substrate thickness)
0.36 mm
+-0.05 mm
B
D
D1
P
A
A1
A2
1.0 mm
L
VPAD:
C14, D2, L5, L13, M8, P3, P10
B14, C3, D6, D8, D10, G12, M3, P5, P12
A3, A12, L7, L9, M1, M5, N11
A2, B1, B2, B3, B13, C2, M2, M12, M13,
GND (THERMAL):
G7, G8, H7, H8
A8, A13, C1, D11, E4, G11, M14, N3, P4
MARKING:
MMMMMM = Mask Code
LLL = Lot Code
YYWW = Date Code
160 BALL PLASTIC BALL GRID ARRAY
N1, N2, N12, N13, N14, P2, P13
JTAG:
B12 (TCK), C10 (TMS), C12 (TDO), C13 (TDI)
LLL YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com