Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 78 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 78 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 74Page - Texas Instruments GC4016 Datasheet HTML 75Page - Texas Instruments GC4016 Datasheet HTML 76Page - Texas Instruments GC4016 Datasheet HTML 77Page - Texas Instruments GC4016 Datasheet HTML 78Page - Texas Instruments GC4016 Datasheet HTML 79Page - Texas Instruments GC4016 Datasheet HTML 80Page - Texas Instruments GC4016 Datasheet HTML 81Page - Texas Instruments GC4016 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 83 page
background image
© GRAYCHIP,INC.
- 73 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
.
Electronic versions of these tables are available by email or from the web as diag_tests.txt.
7.14
OUTPUT TEST CONFIGURATION
The output test takes advantage of the tag modes. To perform the output tests, first configure the chip according to the
desired mode, and then change the configuration so that:
TAG_EN=1 and FLUSH_SYNC=7 (always) in all four channels.
TAG_EN turns on the tag mode, and FLUSH_SYNC clears the channels, but allows the channels to continue to operate and
output zeroes. Then follow the suggested initialization sequence described in Section 3.12. This will force the output words to be
zeroes with the tag bits (see addresses 23-26 in the output page) in the LSBs.
Table 40: Diagnostic Test 4, Expected Checksum = 18
PAGED REGISTERS
PAGE
ADDRESS
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
CFIR COEFFICIENT PAGES: 0,1,8,9,16,17,24,25
0,8,16,24
2F
00
9A
FF
60
FB
06
FB
CF
05
AB
0C
FA
F8
B0
E1
1,9,17,25
0F
00
CB
51
FF
7F
PFIR COEFFICIENT PAGES: 2,3,4,5,10,11,12,13,18,19,20,21,26,27,28,29
2
E0
FF
16
FF
62
00
E8
FF
B6
FF
A5
00
39
FF
8A
00
3
0D
00
3A
FF
49
01
BD
FE
95
00
91
00
4B
FE
41
02
4
38
FE
49
00
BD
01
9D
FC
BB
03
C0
FD
2B
FF
72
04
5
0E
F9
AA
06
6D
FD
CD
FA
45
0F
B6
E6
A8
20
FF
7F
FREQUENCY TUNING PAGES:
6
00
00
67
45
23
01
14
00
C0
67
45
23
01
22
00
00
71
56
34
02
30
00
C0
71
56
34
02
GENERAL CONTROL PAGES: 7,15,23,31
7,23
0C
77
55
50
55
7F
70
64
30
00
02
07
00
-
00
04
15,31
0C
77
55
50
55
7F
70
64
50
00
02
07
00
-
00
04
RESAMPLER COEFFICIENT PAGES:
32
FF
07
00
00
00
00
00
00
00
00
00
00
00
00
00
00
33-63
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
RESAMPLER CONTROL PAGE:
64
53
46
00
14
E4
50
00
E4
RESAMPLER RATIO PAGE:
65
00
00
00
04
00
00
00
04
00
00
00
04
00
00
00
04
OUTPUT PAGE:
98
0F
A8
28
C1
19
00
E4
21
43
65
87
00
02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com