Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 52 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 52 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 48Page - Texas Instruments GC4016 Datasheet HTML 49Page - Texas Instruments GC4016 Datasheet HTML 50Page - Texas Instruments GC4016 Datasheet HTML 51Page - Texas Instruments GC4016 Datasheet HTML 52Page - Texas Instruments GC4016 Datasheet HTML 53Page - Texas Instruments GC4016 Datasheet HTML 54Page - Texas Instruments GC4016 Datasheet HTML 55Page - Texas Instruments GC4016 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
© GRAYCHIP,INC.
- 47 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
ADDRESS 17:
Output Format, Suggested default = 0x40
ADDRESS 18:
Output Mode Cleared on powerup., Suggested default = (see Table 3)
BIT
TYPE
NAME
DESCRIPTION
0 (LSB)
R/W
INV_SCK
Invert SCK output. The serial, nibble, link and parallel outputs normally change
on the rising edge of SCK. If INV_SCK is set high the clock is inverted so data
changes on the falling edge.
1
R/W
INV_RDY
Invert RDY output. RDY is normally active high. This control bit is used for uP
and parallel modes. It has no effect in serial, LINK, or nibble modes.
2
R/W
INV_SFS
Invert SFS output. SFS is normally active high.
3
R/W
TAG_EN
Enable tags. The four bit tags replace the four LSBs of the data when TAG_EN
is set. The BITS_PER_WORD (address 20) control determines the tag location.
4
R/W
RDY_WIDTH
The RDY pulse is 4 (RDY_WIDTH=0) or 16 (RDY_WIDTH=1) CK cycles. Valid
for the uP mode only, must be set to 0 for all other modes.
5-7 (MSB)
R/W
OUT_BLK_SYNC
Output circuit sync source. See table 7 for the sync modes.
The OUT_BLK_SYNC is used to synchronize the output timing among multiple
GC4016 chips. The OUT_BLK_SYNC should only be made active during
initialization. Use during operation may cause unknown output transients.
BIT
TYPE
NAME
DESCRIPTION
0 (LSB)
R/W
LINK
Enable LINK protocol. This mode supports Analog Devices LINK protocol. In
this mode the RDY pin serves as LINK Acknowledge and is an input to the
GC4016 (EN_RDY must be low). NIBBLE must also be set high (eight bit LINK
mode is not supported) and OUTPUT_MODE must be set to 2. The PARALLEL
control bit must be low.
1
R/W
NIBBLE
Enable nibble mode. This mode is similar to serial except the four pins P0-3
output one nibble at a time. TDM of several chips is supported with one acting
as the master (EN_RDY=MASTER=1) and the others as the slave
(EN_RDY=MASTER=0).
2
R/W
PARALLEL
Enable parallel mode.
3
R/W
MASTER
Normally set high. Is set low by slave chips in TDM serial or nibble modes. The
RDY pin is an output when MASTER=1, and is an input when MASTER=0.
4
R/W
REAL_ONLY
Normally set low. Is set high when outputting real, instead of complex, data.
Normally used with the complex to real modes of the PFIR (see Section 3.3.7).
5-6
R/W
OUTPUT_MODE
The output mode selection is:
0 for microprocessor mode,
1 for serial mode,
2 for nibble or LINK modes, or
3 for parallel mode.
Note that only one mode is supported at a time.
7 (MSB)
R/W
REVERSE_IQ
Used when OUTPUT_ORDER=0 to swap I and Q. This is useful for link or
nibble mode outputs when packing two 16 bit words into a 32 bit transfer. See
Section 3.8.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com