Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 74 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 74 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 70Page - Texas Instruments GC4016 Datasheet HTML 71Page - Texas Instruments GC4016 Datasheet HTML 72Page - Texas Instruments GC4016 Datasheet HTML 73Page - Texas Instruments GC4016 Datasheet HTML 74Page - Texas Instruments GC4016 Datasheet HTML 75Page - Texas Instruments GC4016 Datasheet HTML 76Page - Texas Instruments GC4016 Datasheet HTML 77Page - Texas Instruments GC4016 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
© GRAYCHIP,INC.
- 69 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
7.12.1 UMTS Filter Response
Figure 23 shows the overall response using specially tuned CFIR and PFIR filters., The PFIR filter is a specially optimized
root-raised-cosine 63 tap filter with an alpha of 0.22. The filter is designed to have less than -50dB of inter symbol interference
(ISI) noise.
These coefficients are available by e-mail or over the web as cfir_umts.taps and pfir_umts.taps. The CFIR_SUM for
cfir_umts.taps is 58827. The PFIR_SUM for pfir_umts.taps is 61821.
7.12.2 Oversampling Using the Resampler
This example assumes the input sample rate is equal to 4*N*B, where N is the decimation in the CIC filter (See Section 5.6)
and B is the UMTS symbol rate (3.84 MHz). The outputs are two complex samples per symbol (7.68MHz) with the resampler set
to interpolate by unity (no interpolation). The output rate can be doubled or quadrupled as desired by changing the resampler
ratio. The resampler uses the configuration res_8x64_60. (See Section 7.7). This configuration introduces 0.03dB of passband
ripple and -62dB inband noise, neither being large enough to effect UMTS demodulation.
The resampler ratio for two samples per symbol (7.68MHz) is 0x04000000 and for four samples per symbol (15.36MHz) it
is 0x02000000.
Sample rates other than 4*N*B can be accepted by adjusting the PFIR filter to match the desired RRC filter and by using the
resampler to adjust the final sample rate to be exactly 2X or 4X the symbol rate.
7.12.3 Gain
The example configuration assumes a CIC decimation of N=4, which corresponds to an ADC clock rate (CK) of 61.44 MHz.
The values of SCALE and BIG_SCALE must be chosen to satisfy:
. N is 4
and SHIFT=4, so
, which is satisfied by setting SCALE=5 and BIG_SCALE=7, which are their
maximum values. If other values of N are chosen, then SCALE and BIG_SCALE need to be modified as necessary. The overall
gain is adjusted using COARSE, FINE_GAIN and FINAL_SHIFT. The overall gain is:
where NZEROS=0, N=4, SHIFT=4, SCALE=5, BIG_SCALE=7, COARSE=1, CFIR_SUM=58827, PFIR_SUM=61821,
Figure 23. Frequency Response for the Example UMTS Application
2.5MHz
SHIFT
SCALE6
BIG_SCALE
×
+
+
(
)
62
5log
2N
–
(
)
≤
SCALE6
BIG_SCALE
×
+
(
) 48
≤
GAIN
1
NZEROS
1
+
---------------------
(
)N
5
2
SHIFT
SCALE6
BIG_SCALE
×
62
–
+
+
(
)
2
COARSE
(
) CFIR_SUM
65536
-------------------
(
) PFIR_SUM
65536
-------------------
(
) FINE_GAIN
1024
--------------------
(
)
RES_SUM
32768
NDELAY
×
----------------------------------------------
(
) 2
FINAL_SHIFT
(
)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com