Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 7 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 7 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 3Page - Texas Instruments GC4016 Datasheet HTML 4Page - Texas Instruments GC4016 Datasheet HTML 5Page - Texas Instruments GC4016 Datasheet HTML 6Page - Texas Instruments GC4016 Datasheet HTML 7Page - Texas Instruments GC4016 Datasheet HTML 8Page - Texas Instruments GC4016 Datasheet HTML 9Page - Texas Instruments GC4016 Datasheet HTML 10Page - Texas Instruments GC4016 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
© GRAYCHIP,INC.
- 2 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
3.0
FUNCTIONAL DESCRIPTION
The GC4016 quad receiver chip contain four identical
down-conversion circuits. Each downconvert circuit accepts
a real sample rate up to 100 MHz, down converts a selected
carrier frequency to zero, decimates the signal rate by a
programmable factor ranging from 32 to 16,384 and then
resamples the channel to adjust the sample rate up or down
by an arbitrary factor. In the real output mode the output
sample rate is doubled and the signal is output as a real
signal centered at Fout/4. The channels may be combined to
produce wider band and/or oversampled outputs or to
process
complex
input
data.
The
chip
outputs
the
down-converted signals in any one of several formats
(microprocessor, four serial lines, one TDM serial line,
nibble, LINK, or 24 bit parallel port. The chip contains two
user programmable output filters per path which can be used
to arbitrarily shape the received data’s spectrum. These
filters can be used as Nyquist receive filters for digital data
transmission. The chip also contains a resampling filter to
provide additional filtering and to allow the user complete
flexibility in the selection of input and output sample rates.
Two downconverter paths can be merged to be used as
a single complex input down-conversion circuit. Two paths
may also be combined to support wider band output rates or
oversampled outputs. Four paths may be combined to
support both wider band output and oversampling.
The downconverters are designed to maintain over 115
dB of spur free dynamic range and over 100 dB of out of band
rejection. A five stage CIC and 20 bit internal datapaths
support
this
high
dynamic
range
signal
processing
requirement. Each downconvert circuit accepts 16 bit inputs
and produces 24 bit outputs (can be rounded back to 12, 16,
or 20 bits). The frequencies and phase offsets of the four
sine/cosine sequence generators can be independently
specified, as can the decimation and filter parameters of
each circuit.
On chip diagnostic circuits are provided to simplify
system debug and maintenance.
The chip receives configuration and control information
over a microprocessor compatible bus consisting of an 8 bit
data I/O port, a 5 bit address port, a chip enable strobe, a
read strobe and a write strobe. The chip’s control registers (8
bits each) are memory mapped into the 5 bit address space
of the control port.
Sections 7.9 through 7.12 describe how to use the chip
for GSM, D-AMPS, CDMA and UMTS applications, including
control register values and filter coefficients.
3.1
CONTROL INTERFACE
The chip is configured by writing control information into
control registers within the chip. The control registers are
grouped into 8 global registers and 128 pages of registers,
each page containing up to 16 registers. The global registers
are accessed as addresses 0 through 7. Address 2 is the
page register which selects which page is accessed by
addresses 16 through 31. The contents of these control
registers and how to use them are described in Section 5.
The registers are written to or read from using the
C[0:7], A[0:4], CE, RD and WR pins. Each control register
has been assigned a unique address within the chip. This
interface is designed to allow the GC4016 chip to appear to
an external processor as a memory mapped peripheral (the
pin RD is equivalent to a memory chip’s OE pin).
An external processor (a microprocessor, computer, or
DSP chip) can write into a register by setting A[0:4] to the
desired register address, selecting the chip using the CE pin,
setting C[0:7] to the desired value and then pulsing WR low.
The data will be written into the selected register when both
WR and CE are low and will be held when either signal goes
high. An alternate “edge write” mode can be used to strobe
the data into the selected register when either WR or CE
goes high. This is useful for processors that do not guarantee
valid data when the write strobe goes low, but guarantee that
the data will be stable before the write strobe goes high. The
edge write mode is necessary for these processors, as some
control registers (such as most sync or reset registers) are
sensitive to transient values on the C[0:7] data bus.
To read from a control register the processor must set
A[0:4] to the desired address, select the chip with the CE pin,
and then set RD low. The chip will then drive C[0:7] with the
contents of the selected register. After the processor has
read the value from C[0:7] it should set RD and CE high. The
C[0:7] pins are turned off (high impedance) whenever CE or
RD are high or when WR is low. The chip will only drive these
pins when both CE and RD are low and WR is high.
One can also ground the RD pin and use the WR pin as
a read/write direction control and use the CE pin as a control
I/O strobe. Figure 2 shows timing diagrams illustrating both
I/O modes.
The edge write mode, enabled by the EDGE_WRITE
control bit in register 0, allows for rising edge write cycles. In
this mode the C[0:7] data only needs to be stable for a setup
time before the rising edge of the write strobe, and held for a
small hold time afterwards. This mode is appropriate for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com