Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 31 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 31 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 27Page - Texas Instruments GC4016 Datasheet HTML 28Page - Texas Instruments GC4016 Datasheet HTML 29Page - Texas Instruments GC4016 Datasheet HTML 30Page - Texas Instruments GC4016 Datasheet HTML 31Page - Texas Instruments GC4016 Datasheet HTML 32Page - Texas Instruments GC4016 Datasheet HTML 33Page - Texas Instruments GC4016 Datasheet HTML 34Page - Texas Instruments GC4016 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 83 page
background image
© GRAYCHIP,INC.
- 26 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
3.16
MASK REVISION REGISTER
An 8 bit mask revision code (REVISION) can be read from address 27 of the output control page (page 98). The revision
code allows users to determine, through software, what version of the GC4016 chips are being used. The current mask revision
codes are:
Table 9: Mask Revisions
GC4016
Revision Code
(REVISION)
Release Date
Mask Code on
Package
Description
0
April 2000
SAMPLE
Early samples
1
Sept. 2000
1001ACBA
First Release, Has 40 ohm Vcore to Vpad short, no JTAG
2
March 2001
1001ACBB
Production Release, JTAG added, short removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com