Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 9 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 9 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 5Page - Texas Instruments GC4016 Datasheet HTML 6Page - Texas Instruments GC4016 Datasheet HTML 7Page - Texas Instruments GC4016 Datasheet HTML 8Page - Texas Instruments GC4016 Datasheet HTML 9Page - Texas Instruments GC4016 Datasheet HTML 10Page - Texas Instruments GC4016 Datasheet HTML 11Page - Texas Instruments GC4016 Datasheet HTML 12Page - Texas Instruments GC4016 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
© GRAYCHIP,INC.
- 4 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
3.2
INPUT FORMAT
The chip accept five input formats:
(1) Four input ports of 14 bit data,
(2) Three input ports of 16 bit data,
(3) Two input ports of 14 bit low voltage differential
data, (Contact Graychip for more information)
(4) Three ports of 12 bit with 3 bit exponent floating
point data, and
(5) Three ports of multiplexed, dual channel, 12 bit
with 3 bit exponent floating point data
The 12, 14 and 16 bit input words are in a two’s
complement format. The MSB_POL control bit in address 27
of the channel control pages can be used to convert offset
binary data to the desired two’s complement format. The 3 bit
exponent in the floating point format is an unsigned integer
ranging from 0 to 7. All inputs are converted to the internal 19
bit format at the input to each channel. The 14 and 16 bit
input words are put into the upper 14 and 16 bits respectfully
of the 19 bit word. The unused LSBs are cleared.
The 12 bit floating point word is shifted down and sign
extended by the amount specified by the 3 bit exponent and
then put into the MSBs of 19 bit word.
A crossbar switch allows the user to route any input
source to any downconverter channel.
Table 1 shows the suggested control register settings
required for each input mode. See Section 5.6 for detailed
descriptions of each control setting
Table 1: Input Mode Controls
Control
Address in
Channel Control
Pages 7, 15, 23
and 31
14 bit mode
16 bit mode
14 bit
differential
mode
12 + 3 bit
exponent
mode
Multiplexed
12 + 3 bit
exponent
mode
SHIFT
1
16
4 to 7
4 to 7
4 to 7
unused
unused
USE_SHIFT
16
1
1
1
0
0
MIX20B1
23
1
1
1
0
0
INPUT_SEL
3
27
0,1,2,3
0,1,2
4,5
0,1,2
0,1,2
SEL_AB
27
0
0
0
0
0 or 1
INPUT_MODE
27
0
1
0
2
2
DIFF_IN
4 (Global Page)
0
0
1
0
0
NOTES: 1. SHIFT is normally left at 4, see Section 3.3.3 for details.
2. For decimations over 3104, MIX20B should be 0 to allow SHIFT to be less than 4, see Section 3.3.3.
3. INPUT_SEL is used to select the input port used by each channel, 0=port A, 1=portB, 2=port C, 3=portD.
3.3
THE DOWN CONVERTERS
Each down converter contains an NCO and a mixer to
quadrature down convert the signal to baseband, followed by
a 5 stage Cascade Integrate Comb (CIC)1 filter and two
stages of decimate by two filtering to isolate the desired
signal. The signal is then sent to a resampler which can
increase or decrease the final output sample rate to match
the post-processing requirements for baud rate sampling or
oversampling.
A block diagram of the channel is shown in Figure 4.
The INPUT FORMAT circuit converts the selected input
data into the 19 bit format described in Section 3.2. The
ZERO PAD function allows the user to clock the chip at a
higher rate than the input sample rate.
The NCO/Mixer circuit tunes the desired center
frequency down to DC where it is low pass filtered by the
CIC, CFIR, PFIR and Resampler filters.
The
CIC
filter
reduces
the
sample
rate
by
a
programmable factor ranging from 8 to 4,096. The CIC
outputs are followed by a coarse gain stage and then
followed by two stages of decimate by 2 filtering. The coarse
gain circuit allows the user to boost the gain of weak signals
up to 42 dB in 6 dB steps. The first stage of the two stage filter
is a 21 tap decimate by 2 filter (CFIR) with user
programmable tap weights. The 21 tap symmetrical lowpass
filter is downloaded into the chip as 12 words, 16 bits each.
This filter is typically programmed to decimate by two, while
1. Hogenhauer, An Economical Class of Digital Filters for Decimation and
Interpolation, IEEE transactions on ASSP, April 1981.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com