Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 24 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 24 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 20Page - Texas Instruments GC4016 Datasheet HTML 21Page - Texas Instruments GC4016 Datasheet HTML 22Page - Texas Instruments GC4016 Datasheet HTML 23Page - Texas Instruments GC4016 Datasheet HTML 24Page - Texas Instruments GC4016 Datasheet HTML 25Page - Texas Instruments GC4016 Datasheet HTML 26Page - Texas Instruments GC4016 Datasheet HTML 27Page - Texas Instruments GC4016 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
© GRAYCHIP,INC.
- 19 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
In the complex to real conversion modes (see Section
3.3.7), the real output is available in the Q portion of the
registers and the I portion is invalid. The REAL_ONLY
control has no effect upon the microprocessor mode.
Tables 4, 5 and 6 assume the block size control
(BLOCK_SIZE in address 20) is set to four samples. If the
block size is two and OUTPUT_ORDER is 0, then page 97 is
unused. If the block size is one and OUTPUT_ORDER is 0,
then only addresses 16 through 23 of page 96 are used.
3.8.2 Wide Word Microprocessor Mode
The wide word microprocessor mode is selected by
setting OUTPUT_MODE=0 and by enabling the parallel
output port (EN_P0=EN_P1=EN_P2=EN_P3=EN_PAR=1 in
address 16). The wide word microprocessor mode allows the
user to read 32 bit words, rather than bytes. The 8 bit
microprocessor port is augmented with the 24 bit parallel port
to provide the 32 bit interface. The bit mapping into the 32 bit
port is shown below.
The channel outputs are read using addresses 16, 20,
24, and 28 of pages 96 and 97. The channel ordering is the
same as described in Section 3.8.1 above and shown in
Tables 4, 5 and 6.
The upper 24 bits of the wide word microprocessor port
are read only bits. The port and has the same control and
timing characteristics as shown in Figures 2 and 3 for the
normal microprocessor port.
3.8.3 Synchronous Serial Outputs
The
serial
mode
is
selected
by
setting
OUTPUT_MODE=1, MASTER=1 and enabling the serial
output pins (EN_SCK=EN_SFS=EN_P0,1,2,3=1 in address
16). The chip provides a bit serial clock (SCK), a frame strobe
(SFS) and four data bit lines (SOUT A,B,C and D) to output
the data in a serial format. The I and Q parts of complex
outputs are always multiplexed onto the same bit-serial pin.
The I-part is output first, MSB to LSB, followed by the Q-part.
In the real mode (REAL_ONLY=1), only the Q word per
channel is output. The REAL_ONLY mode is used with the
complex to real conversion mode of the PFIR.
The serial clock is the input clock (CK) divided by 1-16
(SCK_RATE control in address 21). For even divisions, the
serial clock changes on the rising edge of CK. The serial
clock has a 50% duty cycle for all divisions. The polarity of
the serial clock is programmable (which allows output data to
be sampled on the rising or falling edge of SCK).
The serial output word size is programmable to be
12,16,20,24,28, or 32 bits per word (BITS_PER_WORD
control in address 20). Note that the maximum word size out
of the resampler is 24 bits so for output word sizes of 28 or
32 bits the lower bits are always zero. For complex data
outputs, pairs of words, each being 12 to 32 bits, are output.
Synchronous channel outputs can be transmitted as one
channel per serial output on four separate bit-serial output
pins
(SOUTA,
SOUTB,
SOUTC,
and
SOUTD),
or
multiplexed as two channels per pin onto two output pins
(SOUTA and SOUTB), or multiplexed as all four channels on
the
same
pin
(SOUTA)
as
specified
by
the
OUTPUT_ORDER and NSERIAL control bits in address 21.
The four channel, each on their own serial pin, mode uses
NSERIAL=3 and OUTPUT_ORDER=2. The two channels
per pin mode uses NSERIAL=1 and OUTPUT_ORDER=1.
The four channels on a single pin mode uses NSERIAL=0
and OUTPUT_ORDER=0.
The serial streams SOUTA, SOUTB, SOUTC and
SOUTD are normally output on pins P0, P1, P2 and P3,
respectfully. If required, the SMUX_0, SMUX_1, SMUX_2
and SMUX_3 controls in address 22 can be used to select
which stream is output on which of these pins.
For
synchronous
channels
the
FIFO
block
size
(BLOCK_SIZE) should be set to match the number of active
channels. If four channels are active, then BLOCK_SIZE
should be set to 3. If two channels are active, then
BLOCK_SIZE should be set to 1. If only one channel is
active, then BLOCK_SIZE should be set to 0.
The outputs are output in frames. Output frames start
when the previous frame has completed AND a new data
block is ready in the FIFO (See BLOCK_SIZE above). The
minimum output frame length can be programmed to be 1 to
64
words
(up
to
32
complex
samples)
using
the
FRAME_LENGTH control in address 19. Longer frame sizes
can be used to time division multiplex (TDM) channels from
multiple chips onto a signal serial bus or to smooth data flow
when resampling.
The number of words output on each serial pin during a
frame can be programmed to be 1 to 8 words (1 to 4 complex
C0
C7
P0
P23
LSB
MSB
CONTROL PORT
PARALLEL PORT
32 BIT Wide Word PORT
(reads back zero)
(contains the 24 bit output data)
Figure 14. Wide Word Microprocessor Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com