Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 69 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 69 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 65Page - Texas Instruments GC4016 Datasheet HTML 66Page - Texas Instruments GC4016 Datasheet HTML 67Page - Texas Instruments GC4016 Datasheet HTML 68Page - Texas Instruments GC4016 Datasheet HTML 69Page - Texas Instruments GC4016 Datasheet HTML 70Page - Texas Instruments GC4016 Datasheet HTML 71Page - Texas Instruments GC4016 Datasheet HTML 72Page - Texas Instruments GC4016 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
© GRAYCHIP,INC.
- 64 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
7.10
EXAMPLE IS-136 DAMPS APPLICATION
This section describes how to configure the chip to downconvert DAMPS signals, apply the root-raised-cosine receive filter,
and output samples at two times, four times or eight times the DAMPS symbol rate. The desired DAMPS Specifications are:
7.10.1 DAMPS Filter Response
Figure 21 shows the overall response using CFIR filter, cfir_68, and a set of RRC PFIR coefficients tuned for 2X oversampled
output data. The DAMPS out of band rejection mask is also shown.
The RRC PFIR coefficients are:
-12 -117 -113 8 127 112 -38 -175 -134 82 275 224 -71 -348 -307 61 398 286 -286 -761
-442 766 1954 1708 -660 -4042 -5641 -2533 6187 18177 28625 32767
These coefficients are available by e-mail or over the web as pfir_damps_2x.taps. The PFIR_SUM for this set of coefficients
is 119387.
7.10.2 Oversampling Using the Resampler
This example assumes the input sample rate is equal to 8*N*B, where N is the decimation in the CIC filter (See Section 5.6)
and B is the DAMPS symbol rate (24.3 KHz). The outputs are two complex samples per symbol (48.6 KHz) with the resampler
set to interpolate by unity (no interpolation). The output rate can be doubled or quadrupled as desired by changing the resampler
Table 31: Desired DAMPS Specifications
Specification
Value
Comment
Clock (CK)
62.208MHz =8*320*24.3KHz
Can be any value equal to 8NB, where N is the CIC decimation ratio and B is the DAMPS
symbol rate of 24.3KHz
Input Sample Rate
Same as clock rate
Can be 1/2, 1/3, 1/4, ... 1/N of the clock rate by using the zero pad feature.
Input Format
A port, 14 Bit, 2’s Complement
Can be modified as desired
Spur free dynamic
range
> -110dB
The GC4016 NCO provides more than 115 dB of spur free dynamic range
Output Sample Rate
48.6KHz, complex data (2X)
Can be 4X, 8X or any multiple of the symbol rate by changing the resampler ratios
Passband Response
RRC with alpha=0.35
Matches the required receive filter
Stopband Rejection
Set by DAMPS Specification
See the DAMPS rejection mask in Figure 21
Output Format
Four serial streams, 24 bit I and Q data
Can be modified as desired
Figure 21. Frequency Response for the Example DAMPS Application
Rejection Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com