Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 12 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 12 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 8Page - Texas Instruments GC4016 Datasheet HTML 9Page - Texas Instruments GC4016 Datasheet HTML 10Page - Texas Instruments GC4016 Datasheet HTML 11Page - Texas Instruments GC4016 Datasheet HTML 12Page - Texas Instruments GC4016 Datasheet HTML 13Page - Texas Instruments GC4016 Datasheet HTML 14Page - Texas Instruments GC4016 Datasheet HTML 15Page - Texas Instruments GC4016 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
© GRAYCHIP,INC.
- 7 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
a) Worst case spectrum without dither
b) Spectrum with dither (tuned to same frequency)
-105 dB
-116 dB
FREQ=5/24 FS
FREQ=5/24 FS
Figure 7. Example NCO Spurs
-121 dB
-107 dB
a) Plot without dither or phase initialization
b) Plot with dither and phase initialization
Figure 8. NCO Peak Spur Plot
the sine/cosine lookup table repeat in a regular fashion,
thereby concentrating the error power into a single
frequency, rather than spreading it across the spectrum.
These worst case spurs can be eliminated by selecting an
initial phase that minimizes the errors or by changing the
tuning frequency by a small amount (50 Hz). Setting the
initial phase to 4 for multiples of FCK/96 or FCK/124 (and to 0
for other frequencies) will result in spurs below -115 for all
frequencies.
Figure 8 shows the maximum spur levels as the tuning
frequency is scanned over a portion of the frequency range
with the peak hold function of the spectrum analyzer turned
on. Notice that the peak spur level is -107 dB before dithering
and is -121 dB after dithering has been turned on and the
phase initialization described above has been used.
The output of the mixer may be rounded to 16 or 20 bits.
Twenty bit rounding (MIX20B is set in address 23) is normally
used with the 14 or 16 bit input modes. Sixteen bit rounding
(MIX20B disabled) is normally used with the floating point, 12
bit input modes. Sixteen bit rounding is also required to
achieve a CIC gain of less than or equal to unity when the
CIC decimation is greater than 3104. See Table 1.
3.3.3 Five Stage CIC Filter
The mixer outputs are decimated by a factor of N in a
five stage CIC filter, where N is any integer between 8 and
4096 (between 4 and 2048 for SPLITIQ mode). The value of
N is programmed independently for each channel in
addresses 21 and 22 of each channel control page. The
programmable decimation allows the chip’s usable output
bandwidth to range from less than 4 kHz to over 3 MHz when
the input rate is 100 MHz. Wider output bandwidths are
obtainable by using multiple channels (see Section 3.4). A
block diagram of the CIC filter is shown in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com