Electronic Components Datasheet Search
  English  ▼

X  

GC4016 Datasheet(PDF) 76 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 76 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 72Page - Texas Instruments GC4016 Datasheet HTML 73Page - Texas Instruments GC4016 Datasheet HTML 74Page - Texas Instruments GC4016 Datasheet HTML 75Page - Texas Instruments GC4016 Datasheet HTML 76Page - Texas Instruments GC4016 Datasheet HTML 77Page - Texas Instruments GC4016 Datasheet HTML 78Page - Texas Instruments GC4016 Datasheet HTML 79Page - Texas Instruments GC4016 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
© GRAYCHIP,INC.
- 71 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
7.13
DIAGNOSTICS
The following four tables contain the diagnostic test configurations. To run the diagnostics, load the GC4016 with the
configuration, set address 0 to 00 in order to clear the resets, set address 5 to 00 to release the counter, wait for the checksum
to stabilize (approximately 220 clock cycles) and then read the checksum, which should match the expected value.
.
Table 37: Diagnostic Test 1, Expected Checksum = E0
GLOBAL REGISTERS
ADDRESS
0
1
2
3
4
5
6
7
VALUE
F0
00
00
00
2D
1C
FF
01
PAGED REGISTERS
PAGE
ADDRESS
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
CFIR COEFFICIENT PAGES: 0,1,8,9,16,17,24,25
0,8,16,24
FF
7F
00
00
00
00
00
00
00
00
00
00
00
00
00
00
1,9,17,25
00
00
00
00
00
00
PFIR COEFFICIENT PAGES: 2,3,4,5,10,11,12,13,18,19,20,21,26,27,28,29
2
FF
7F
00
00
00
00
00
00
00
00
00
00
00
00
00
00
3,4,5
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
FREQUENCY TUNING PAGES:
6
AA
AA
56
34
12
00
14
55
55
67
45
23
00
22
55
55
78
56
34
00
30
AA
AA
89
67
45
00
GENERAL CONTROL PAGES:
7,15,23,31
0C
77
55
50
55
07
70
78
00
01
01
07
00
-
00
20
RESAMPLER COEFFICIENT PAGES:
32
FF
07
00
00
00
00
00
00
00
00
00
00
00
00
00
00
33-63
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
RESAMPLER CONTROL PAGE:
64
53
46
00
14
E4
50
00
E4
RESAMPLER RATIO PAGE:
65
00
00
00
04
00
00
00
04
00
00
00
04
00
00
00
04
OUTPUT PAGE:
98
00
A1
6C
C1
D9
00
E4
21
43
65
87
00
02
Table 38: Diagnostic Test 2, Expected Checksum = 4C
PAGED REGISTERS
PAGE
ADDRESS
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
CFIR COEFFICIENT PAGES: 0,1,8,9,16,17,24,25
0,8,16,24
42
00
2C
01
93
01
6C
FE
0B
F8
A0
F5
2E
FE
CA
10
1,9,17,25
2A
27
FD
39
91
41
PFIR COEFFICIENT PAGES: 2,3,4,5,10,11,12,13,18,19,20,21,26,27,28,29
2
1C
00
AD
00
0D
00
4C
FF
2A
FF
51
00
9D
01
2B
01
3
EA
FE
58
FD
CA
FE
25
02
8B
03
D5
00
A1
FC
CD
FB
4
D5
FF
B2
04
EE
04
9E
FF
C3
F9
9A
F9
69
00
8A
08
5
A1
09
23
00
6C
F2
57
EE
23
FF
88
22
E2
46
4A
56
FREQUENCY TUNING PAGES:
6
AA
AA
67
45
23
00
14
55
55
78
56
34
00
22
55
55
89
67
45
00
30
AA
AA
9A
78
56
00
GENERAL CONTROL PAGES:
7,15,23,31
0C
77
55
50
55
0F
70
71
00
00
00
07
00
-
00
08
RESAMPLER COEFFICIENT PAGES:
32
FF
07
00
00
00
00
00
00
00
00
00
00
00
00
00
00
33-63
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
RESAMPLER CONTROL PAGE:
64
53
46
00
14
E4
50
00
E4
RESAMPLER RATIO PAGE:
65
00
00
00
04
00
00
00
04
00
00
00
04
00
00
00
04
OUTPUT PAGE:
98
00
A1
6C
C1
D9
00
E4
21
43
65
87
00
02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com