Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 139 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 139 Page - Analog Devices

Back Button AD9175 Datasheet HTML 135Page - Analog Devices AD9175 Datasheet HTML 136Page - Analog Devices AD9175 Datasheet HTML 137Page - Analog Devices AD9175 Datasheet HTML 138Page - Analog Devices AD9175 Datasheet HTML 139Page - Analog Devices AD9175 Datasheet HTML 140Page - Analog Devices AD9175 Datasheet HTML 141Page - Analog Devices AD9175 Datasheet HTML 142Page - Analog Devices AD9175 Datasheet HTML 143Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 150 page
background image
Data Sheet
AD9175
Rev. A | Page 139 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
2
CKS1
Computed checksum status for Lane 1. This
control is paged by the LINK_PAGE control
in Register 0x300.
0x0
R
0
Checksum is incorrect.
1
Checksum is correct.
1
FS1
Frame synchronization status for Lane 1.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
0
CGS1
Code group synchronization status for Lane
1. This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
0x4B2
LINK_STATUS2
7
BDE2
Bad disparity errors status for Lane 2. This
control is paged by the LINK_PAGE control
in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
6
NIT2
Not in table errors status for Lane 2. This
control is paged by the LINK_PAGE control
in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
5
UEK2
Unexpected K character errors status for
Lane 2. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
4
ILD2
Interlane deskew status for Lane 2. This
control is paged by the LINK_PAGE control
in Register 0x300.
0x0
R
0
Deskew failed.
1
Deskew achieved.
3
ILS2
Initial lane synchronization status for Lane
2. This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
2
CKS2
Computed checksum status for Lane 2. This
control is paged by the LINK_PAGE control
in Register 0x300.
0x0
R
0
Checksum is incorrect.
1
Checksum is correct.
1
FS2
Frame synchronization status for Lane 2.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
0
CGS2
Code group synchronization status for Lane
2. This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com