Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 146 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 146 Page - Analog Devices

Back Button AD9175 Datasheet HTML 142Page - Analog Devices AD9175 Datasheet HTML 143Page - Analog Devices AD9175 Datasheet HTML 144Page - Analog Devices AD9175 Datasheet HTML 145Page - Analog Devices AD9175 Datasheet HTML 146Page - Analog Devices AD9175 Datasheet HTML 147Page - Analog Devices AD9175 Datasheet HTML 148Page - Analog Devices AD9175 Datasheet HTML 149Page - Analog Devices AD9175 Datasheet HTML 150Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 146 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 146 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
LONG_PA_AVG_
TIME
Sets length of long PA averaging time. This
control is paged by the MAINDAC_PAGE
control in Register 0x008. Averaging time =
29 + LONG_PA_AVG_TIME (PA clock
periods). A PA clock period is calculated by
the following:
0x0
R/W
If the main interpolation is >1×, PA clock
period = 4 × main interpolation × DAC
clock period.
If channel interpolation is >1×, PA clock
period = 8 × main interpolation × DAC
clock period.
Otherwise, PA clock period = 32 × DAC
clock period.
0x586
LONG_PA_POWER_
LSB
[7:0]
LONG_PA_
POWER[7:0]
Long average power readback. Power
detected at data bus = I2 + Q2. The data bus
calculation only uses the 6 MSBs of the I and
Q data bus samples. This control is paged by
the MAINDAC_PAGE control in Register
0x008.
0x0
R
0x587
LONG_PA_POWER_
MSB
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LONG_PA_
POWER[12:8]
Long average power readback. Power
detected at data bus = I2 + Q2. The data bus
calculation only uses the 6 MSBs of the I and
Q data bus samples. This control is paged by
the MAINDAC_PAGE control in Register
0x008.
0x0
R
0x588
SHORT_PA_THRES_
LSB
[7:0]
SHORT_PA_
THRESHOLD[7:0]
Short average power threshold for
comparison. This control is paged by the
MAINDAC_PAGE control in Register 0x008.
0x0
R/W
0x589
SHORT_PA_THRES_
MSB
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
SHORT_PA_
THRESHOLD[12:8]
Short average power threshold for
comparison. This control is paged by the
MAINDAC_PAGE control in Register 0x008.
0x0
R/W
0x58A
SHORT_PA_
CONTROL
7
SHORT_PA_ENABLE
Enable short average power calculation and
error detection. This control is paged by the
MAINDAC_PAGE control in Register 0x008.
0x0
R/W
[6:2]
RESERVED
Reserved.
0x0
R
[1:0]
SHORT_PA_AVG_
TIME
Sets length of short PA averaging. This
control is paged by the MAINDAC_PAGE
control in Register 0x008. Averaging time =
2SHORT_PA_AVG_TIME (PA clock periods). A PA clock
period is calculated by the following:
0x0
R/W
If the main interpolation is >1×, PA clock
period = 4 × main interpolation × DAC clock
period.
If channel interpolation is >1×, PA clock
period = 8 × main interpolation × DAC clock
period.
Otherwise, PA clock period = 32 × DAC clock
period.
0x58B
SHORT_PA_POWER_
LSB
[7:0]
SHORT_PA_
POWER[7:0]
Short average power readback. Power
detected at data bus = I2 + Q2. The data bus
calculation only uses the 6 MSBs of the I and
Q data bus samples. This control is paged by
the MAINDAC_PAGE control in Register
0x008.
0x0
R
0x58C
SHORT_PA_POWER_
[7:5]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com