Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 150 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 150 Page - Analog Devices

Back Button AD9175 Datasheet HTML 142Page - Analog Devices AD9175 Datasheet HTML 143Page - Analog Devices AD9175 Datasheet HTML 144Page - Analog Devices AD9175 Datasheet HTML 145Page - Analog Devices AD9175 Datasheet HTML 146Page - Analog Devices AD9175 Datasheet HTML 147Page - Analog Devices AD9175 Datasheet HTML 148Page - Analog Devices AD9175 Datasheet HTML 149Page - Analog Devices AD9175 Datasheet HTML 150Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 150 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 150 of 150
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-275-EEAB-1.
0.80
BSC
BOTTOM VIEW
TOP VIEW
SIDE VIEW
DETAIL A
10.10
10.00 SQ
9.90
9.80
9.70 SQ
9.60
1.71
1.56
1.41
8.80 SQ
REF
0.60
REF
0.15 REF
A1 BALL
CORNER
R 1.0
R 0.5~1.5
A1 BALL
CORNER INDICATOR
A
B
C
D
E
F
G
9
10
8
11
12
7
5
64
2
31
H
J
K
L
M
6.60 REF
SQ
0.38
0.34
0.30
0.40
0.35
0.30
0.87 REF
0.50
0.45
0.40
COPLANARITY
0.12
BALL DIAMETER
DETAIL A
SEATING
PLANE
Figure 100. 144-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
(BP-144-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9175BBPZ
−40°C to +85°C
144-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-144-1
AD9175BBPZRL
−40°C to +85°C
144-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-144-1
AD9175-FMC-EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2018–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16795-0-5/19(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com