Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 133 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 133 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 129Page - Infineon Technologies AG C161 Datasheet HTML 130Page - Infineon Technologies AG C161 Datasheet HTML 131Page - Infineon Technologies AG C161 Datasheet HTML 132Page - Infineon Technologies AG C161 Datasheet HTML 133Page - Infineon Technologies AG C161 Datasheet HTML 134Page - Infineon Technologies AG C161 Datasheet HTML 135Page - Infineon Technologies AG C161 Datasheet HTML 136Page - Infineon Technologies AG C161 Datasheet HTML 137Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-7
1999-08
7.3
Alternate Port Functions
In order to provide a maximum of flexibility for different applications and their specific IO
requirements, port lines have programmable alternate input or output functions
associated with them.
If an alternate output function of a pin is to be used, the direction of this pin must be
programmed for output (DPx.y=‘1’), except for some signals that are used directly after
reset and are configured automatically. Otherwise the pin remains in the high-impedance
state and is not effected by the alternate output function. The respective port latch should
hold a ‘1’, because its output is combined with the alternate output data.
X-Peripherals (peripherals connected to the on-chip XBUS) control their associated IO
pins directly via separate control lines.
If an alternate input function of a pin is used, the direction of the pin must be
programmed for input (DPx.y=‘0’) if an external device is driving the pin. The input
direction is the default after reset. If no external device is connected to the pin, however,
one can also set the direction for this pin to output. In this case, the pin reflects the state
of the port output latch. Thus, the alternate input function reads the value stored in the
port output latch. This can be used for testing purposes to allow a software trigger of an
alternate input function by writing to the port output latch.
Table 7-1
Summary of Alternate Port Functions
Port
Alternate Function(s)
Alternate Signal(s)
PORT0 Address and data lines when accessing
external resources (e.g. memory)
AD15 ... AD0, D15 ... D0,
A15 ... A8
PORT1 Address lines when accessing external
resources (e.g. memory)
A15 ... A0
Port 2
Fast external interrupt inputs
EX7IN ... EX0IN
Port 3
System clock or programmable frequ. output
Optional bus control signal
Input/output functions of timers,
serial interfaces
CLKOUT/FOUT, BHE/WRH,
RxD0, TxD0, MTSR, MRST,
SCLK, T2IN, T3IN, T4IN,
T3EUD, T3OUT, CAPIN,
SDA0, SCL0
Port 4
Selected segment address lines in systems
with more than 64 KBytes of ext. resources
A22 ... A16
Port 5
Analog input channels to the A/D converter
Timer control signal inputs
AN3 ... AN0,
T2EUD, T4EUD
Port 6
Chip select output signals
I
2C interface lines
CS4 ... CS0,
SDA1, SCL1, SDA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com