Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 136 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 136 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 132Page - Infineon Technologies AG C161 Datasheet HTML 133Page - Infineon Technologies AG C161 Datasheet HTML 134Page - Infineon Technologies AG C161 Datasheet HTML 135Page - Infineon Technologies AG C161 Datasheet HTML 136Page - Infineon Technologies AG C161 Datasheet HTML 137Page - Infineon Technologies AG C161 Datasheet HTML 138Page - Infineon Technologies AG C161 Datasheet HTML 139Page - Infineon Technologies AG C161 Datasheet HTML 140Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-10
1999-08
Alternate Functions of PORT0
When an external bus is enabled, PORT0 is used as data bus or address/data bus.
Note that an external 8-bit demultiplexed bus only uses P0L, while P0H is free for IO
(provided that no other bus mode is enabled).
PORT0 is also used to select the system startup configuration. During reset, PORT0 is
configured to input, and each line is held high through an internal pullup device. Each
line can now be individually pulled to a low level (see DC-level specifications in the
respective Data Sheets) through an external pulldown device. A default configuration is
selected when the respective PORT0 lines are at a high level. Through pulling individual
lines to a low level, this default can be changed according to the needs of the
applications.
The internal pullup devices are designed such that an external pulldown resistors (see
Data Sheet specification) can be used to apply a correct low level. These external
pulldown resistors can remain connected to the PORT0 pins also during normal
operation, however, care has to be taken such that they do not disturb the normal
function of PORT0 (this might be the case, for example, if the external resistor is too
strong).
With the end of reset, the selected bus configuration will be written to the BUSCON0
register. The configuration of the high byte of PORT0 will be copied into the special
register RP0H. This read-only register holds the selection for the number of chip selects
and segment addresses. Software can read this register in order to react according to
the selected configuration, if required.
When the reset is terminated, the internal pullup devices are switched off, and PORT0
will be switched to the appropriate operating mode.
During external accesses in multiplexed bus modes PORT0 first outputs the 16-bit intra-
segment address as an alternate output function. PORT0 is then switched to high-
impedance input mode to read the incoming instruction or data. In 8-bit data bus mode,
two memory cycles are required for word accesses, the first for the low byte and the
second for the high byte of the word. During write cycles PORT0 outputs the data byte
or word after outputting the address.
During external accesses in demultiplexed bus modes PORT0 reads the incoming
instruction or data word or outputs the data byte or word.
Bit
Function
DP0X.y
Port direction register DP0H or DP0L bit y
DP0X.y = 0: Port line P0X.y is an input (high-impedance)
DP0X.y = 1: Port line P0X.y is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com