Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 237 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 237 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 233Page - Infineon Technologies AG C161 Datasheet HTML 234Page - Infineon Technologies AG C161 Datasheet HTML 235Page - Infineon Technologies AG C161 Datasheet HTML 236Page - Infineon Technologies AG C161 Datasheet HTML 237Page - Infineon Technologies AG C161 Datasheet HTML 238Page - Infineon Technologies AG C161 Datasheet HTML 239Page - Infineon Technologies AG C161 Datasheet HTML 240Page - Infineon Technologies AG C161 Datasheet HTML 241Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 400 page
background image
&3,
7KH $V\QFKURQRXV6\QFKURQRXV 6HULDO ,QWHUIDFH
User’s Manual
11-9
1999-08
Synchronous transmission begins within 4 state times after data has been loaded into
S0TBUF, provided that S0R is set and S0REN=’0’ (half-duplex, no reception). Data
transmission is double buffered. When the transmitter is idle, the transmit data loaded
into S0TBUF is immediately moved to the transmit shift register thus freeing S0TBUF for
the next data to be sent. This is indicated by the transmit buffer interrupt request flag
S0TBIR being set. S0TBUF may now be loaded with the next data, while transmission
of the previous one is still going on. The data bits are transmitted synchronous with the
shift clock. After the bit time for the 8th data bit, both pins TXD0 and RXD0 will go high,
the transmit interrupt request flag S0TIR is set, and serial data transmission stops.
Pin TXD0 must be configured for alternate data output, i.e. the respective port output
latch and the direction latch must be ’1’, in order to provide the shift clock. Pin RXD0 must
also be configured for output (output/direction latch=’1’) during transmission.
Synchronous reception is initiated by setting bit S0REN=’1’. If bit S0R=1, the data
applied at pin RXD0 are clocked into the receive shift register synchronous to the clock
which is output at pin TXD0. After the 8th bit has been shifted in, the content of the
receive shift register is transferred to the receive data buffer S0RBUF, the receive
interrupt request flag S0RIR is set, the receiver enable bit S0REN is reset, and serial
data reception stops.
Pin TXD0 must be configured for alternate data output, i.e. the respective port output
latch and the direction latch must be ’1’, in order to provide the shift clock. Pin RXD0 must
be configured as alternate data input, i.e. the respective direction latch must be ’0’.
Synchronous reception is stopped by clearing bit S0REN. A currently received byte is
completed including the generation of the receive interrupt request and an error interrupt
request, if appropriate. Writing to the transmit buffer register while a reception is in
progress has no effect on reception and will not start a transmission.
If a previously received byte has not been read out of the receive buffer register at the
time the reception of the next byte is complete, both the error interrupt request flag
S0EIR and the overrun error status flag S0OE will be set, provided the overrun check
has been enabled by bit S0OEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com