Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 241 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 241 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 237Page - Infineon Technologies AG C161 Datasheet HTML 238Page - Infineon Technologies AG C161 Datasheet HTML 239Page - Infineon Technologies AG C161 Datasheet HTML 240Page - Infineon Technologies AG C161 Datasheet HTML 241Page - Infineon Technologies AG C161 Datasheet HTML 242Page - Infineon Technologies AG C161 Datasheet HTML 243Page - Infineon Technologies AG C161 Datasheet HTML 244Page - Infineon Technologies AG C161 Datasheet HTML 245Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 400 page
background image
&3,
7KH $V\QFKURQRXV6\QFKURQRXV 6HULDO ,QWHUIDFH
User’s Manual
11-13
1999-08
Table 11-3
ASC0 Asynchronous Baudrate Generation for
f
CPU = 16 MHz
Baud Rate
S0BRS = ‘0’
S0BRS = ‘1’
Deviation
Error
Reload Value
Deviation
Error
Reload Value
500
KBaud
±0.0 %
0000
H
---
---
19.2
KBaud
+0.2 % / -3.5 %
0019
H / 001AH
+2.1 % / -3.5 %
0010
H / 0011H
9600
Baud
+0.2 % / -1.7 %
0033
H / 0034H
+2.1 % / -0.8 %
0021
H / 0022H
4800
Baud
+0.2 % / -0.8 %
0067
H / 0068H
+0.6 % / -0.8 %
0044
H / 0045H
2400
Baud
+0.2 % / -0.3 %
00CF
H / 00D0H
+0.6 % / -0.1 %
0089
H / 008AH
1200
Baud
+0.4 % / -0.1 %
019F
H / 01A0H
+0.3 % / -0.1 %
0114
H / 0115H
600
Baud
+0.0 % / -0.1 %
0340
H / 0341H
+0.1 % / -0.1 %
022A
H / 022BH
61
Baud
+0.1 %
1FFF
H
+0.0 % / -0.0 %
115B
H / 115CH
40
Baud
---
---
+1.7 %
1FFF
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com