Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 244 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 244 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 240Page - Infineon Technologies AG C161 Datasheet HTML 241Page - Infineon Technologies AG C161 Datasheet HTML 242Page - Infineon Technologies AG C161 Datasheet HTML 243Page - Infineon Technologies AG C161 Datasheet HTML 244Page - Infineon Technologies AG C161 Datasheet HTML 245Page - Infineon Technologies AG C161 Datasheet HTML 246Page - Infineon Technologies AG C161 Datasheet HTML 247Page - Infineon Technologies AG C161 Datasheet HTML 248Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 400 page
background image
&3,
7KH $V\QFKURQRXV6\QFKURQRXV 6HULDO ,QWHUIDFH
User’s Manual
11-16
1999-08
Note: Please refer to the general Interrupt Control Register description for an
explanation of the control fields.
Using the ASC0 Interrupts
For normal operation (i.e. besides the error interrupt) the ASC0 provides three interrupt
requests to control data exchange via this serial channel:
• S0TBIR is activated when data is moved from S0TBUF to the transmit shift register.
• S0TIR
is activated before the last bit of an asynchronous frame is transmitted,
or after the last bit of a synchronous frame has been transmitted.
• S0RIR
is activated when the received frame is moved to S0RBUF.
While the task of the receive interrupt handler is quite clear, the transmitter is serviced
by two interrupt handlers. This provides advantages for the servicing software.
For single transfers is is sufficient to use the transmitter interrupt (S0TIR), which
indicates that the previously loaded data has been transmitted, except for the last bit of
an asynchronous frame.
For multiple back-to-back transfers it is necessary to load the following piece of data
at last until the time the last bit of the previous frame has been transmitted. In
asynchronous mode this leaves just one bit-time for the handler to respond to the
transmitter interrupt request, in synchronous mode it is impossible at all.
Using the transmit buffer interrupt (S0TBIR) to reload transmit data gives the time to
transmit a complete frame for the service routine, as S0TBUF may be reloaded while the
previous data is still being transmitted.
S0EIC
ASC0 Error Intr. Ctrl. Reg.
SFR (FF70
H/B8H)
Reset value: - - 00
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
S0
EIR
S0
EIE
ILVL
GLVL
--
--
---
-
rwh
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com