Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 247 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 247 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 243Page - Infineon Technologies AG C161 Datasheet HTML 244Page - Infineon Technologies AG C161 Datasheet HTML 245Page - Infineon Technologies AG C161 Datasheet HTML 246Page - Infineon Technologies AG C161 Datasheet HTML 247Page - Infineon Technologies AG C161 Datasheet HTML 248Page - Infineon Technologies AG C161 Datasheet HTML 249Page - Infineon Technologies AG C161 Datasheet HTML 250Page - Infineon Technologies AG C161 Datasheet HTML 251Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 400 page
background image
&3,
7KH +LJK6SHHG 6\QFKURQRXV 6HULDO ,QWHUIDFH
User’s Manual
12-1
1999-08
12
The High-Speed Synchronous Serial Interface
The High-Speed Synchronous Serial Interface SSC provides flexible high-speed serial
communication between the C161PI and other microcontrollers, microprocessors or
external peripherals.
The SSC supports full-duplex and half-duplex synchronous communication up to
6.25 MBaud (@ 25 MHz CPU clock). The serial clock signal can be generated by the
SSC itself (master mode) or be received from an external master (slave mode). Data
width, shift direction, clock polarity and phase are programmable. This allows
communication with SPI-compatible devices. Transmission and reception of data is
double-buffered. A 16-bit baud rate generator provides the SSC with a separate serial
clock signal.
The high-speed synchronous serial interface can be configured in a very flexible way, so
it can be used with other synchronous serial interfaces (e.g. the ASC0 in synchronous
mode), serve for master/slave or multimaster interconnections or operate compatible
with the popular SPI interface. So it can be used to communicate with shift registers (IO
expansion), peripherals (e.g. EEPROMs etc.) or other controllers (networking). The SSC
supports half-duplex and full-duplex communication. Data is transmitted or received on
pins MTSR/P3.9 (Master Transmit / Slave Receive) and MRST/P3.8 (Master Receive /
Slave Transmit). The clock signal is output or input on pin SCLK/P3.13. These pins are
alternate functions of Port 3 pins.
Figure 12-1
SFRs and Port Pins associated with the SSC
SCLK / P3.13
MTSR / P3.9
MRST / P3.8
ODP3Port 3 Open Drain Control Register
DP3Port 3 Direction Control Register
SSCBRSSC Baud Rate Generator/Reload Reg.
SSCTBSSC Transmit Buffer Register
SSCTICSSC Transmit Interrupt Control Register
P3 Port 3 Data Register
SSCCONSSC Control Register
SSCRBSSC Receive Buffer Register
SSCRICSSC Receive Interrupt Control Register
SSCEICSSC Error Interrupt Control Register
ODP3
E
Ports & Direction Control
Alternate Functions
Data Registers
Control Registers
Interrupt Control
SSCBR
E
SSCCON
SSCTIC
DP3
P3
SSCTB
E
SSCRB
E
SSCRIC
SSCEIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com