Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 243 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 243 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 239Page - Infineon Technologies AG C161 Datasheet HTML 240Page - Infineon Technologies AG C161 Datasheet HTML 241Page - Infineon Technologies AG C161 Datasheet HTML 242Page - Infineon Technologies AG C161 Datasheet HTML 243Page - Infineon Technologies AG C161 Datasheet HTML 244Page - Infineon Technologies AG C161 Datasheet HTML 245Page - Infineon Technologies AG C161 Datasheet HTML 246Page - Infineon Technologies AG C161 Datasheet HTML 247Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 400 page
background image
&3,
7KH $V\QFKURQRXV6\QFKURQRXV 6HULDO ,QWHUIDFH
User’s Manual
11-15
1999-08
11.5
ASC0 Interrupt Control
Four bit addressable interrupt control registers are provided for serial channel ASC0.
Register S0TIC controls the transmit interrupt, S0TBIC controls the transmit buffer
interrupt, S0RIC controls the receive interrupt and S0EIC controls the error interrupt of
serial channel ASC0. Each interrupt source also has its own dedicated interrupt vector.
S0TINT is the transmit interrupt vector, S0TBINT is the transmit buffer interrupt vector,
S0RINT is the receive interrupt vector, and S0EINT is the error interrupt vector.
The cause of an error interrupt request (framing, parity, overrun error) can be identified
by the error status flags in control register S0CON.
Note: In contrast to the error interrupt request flag S0EIR, the error status flags S0FE/
S0PE/S0OE are not reset automatically upon entry into the error interrupt service
routine, but must be cleared by software.
S0TIC
ASC0 Tx Intr. Ctrl. Reg.
SFR (FF6C
H/B6H)
Reset value: - - 00
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
S0
TIR
S0
TIE
ILVL
GLVL
-
---
--
--
rwh
rw
rw
rw
S0TBIC
ASC0 Tx Buf. Intr. Ctrl. Reg.
SFR (FF9C
H/CEH)
Reset value: - - 00
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
S0
TBIR
S0
TBIE
ILVL
GLVL
-
---
--
--
rwh
rw
rw
rw
S0RIC
ASC0 Rx Intr. Ctrl. Reg.
SFR (FF6E
H/B7H)
Reset value: - - 00
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
S0
RIR
S0
RIE
ILVL
GLVL
-
---
--
--
rwh
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com