Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 255 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 255 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 251Page - Infineon Technologies AG C161 Datasheet HTML 252Page - Infineon Technologies AG C161 Datasheet HTML 253Page - Infineon Technologies AG C161 Datasheet HTML 254Page - Infineon Technologies AG C161 Datasheet HTML 255Page - Infineon Technologies AG C161 Datasheet HTML 256Page - Infineon Technologies AG C161 Datasheet HTML 257Page - Infineon Technologies AG C161 Datasheet HTML 258Page - Infineon Technologies AG C161 Datasheet HTML 259Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 400 page
background image
&3,
7KH +LJK6SHHG 6\QFKURQRXV 6HULDO ,QWHUIDFH
User’s Manual
12-9
1999-08
A slave device will immediately output the selected first bit (MSB or LSB of the transfer
data) at pin MRST, when the content of the transmit buffer is copied into the slave’s shift
register. It will not wait for the next clock from the baudrate generator, as the master
does. The reason for this is that, depending on the selected clock phase, the first clock
edge generated by the master may be already used to clock in the first data bit. So the
slave’s first data bit must already be valid at this time.
Note: On the SSC always a transmission and a reception takes place at the same time,
regardless whether valid data has been transmitted or received. This is different
e.g. from asynchronous reception on ASC0.
The initialization of the SCLK pin on the master requires some attention in order to
avoid undesired clock transitions, which may disturb the other receivers. The state of the
internal alternate output lines is ’1’ as long as the SSC is disabled. This alternate output
signal is ANDed with the respective port line output latch. Enabling the SSC with an idle-
low clock (SSCPO=’0’) will drive the alternate data output and (via the AND) the port pin
SCLK immediately low. To avoid this, use the following sequence:
• select the clock idle level (SSCPO=’x’)
• load the port output latch with the desired clock idle level (P3.13=’x’)
• switch the pin to output (DP3.13=’1’)
• enable the SSC (SSCEN=’1’)
• if SSCPO=’0’: enable alternate data output (P3.13=’1’)
The same mechanism as for selecting a slave for transmission (separate select lines or
special commands) may also be used to move the role of the master to another device
in the network. In this case the previous master and the future master (previous slave)
will have to toggle their operating mode (SSCMS) and the direction of their port pins (see
description above).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com