Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 259 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 259 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 255Page - Infineon Technologies AG C161 Datasheet HTML 256Page - Infineon Technologies AG C161 Datasheet HTML 257Page - Infineon Technologies AG C161 Datasheet HTML 258Page - Infineon Technologies AG C161 Datasheet HTML 259Page - Infineon Technologies AG C161 Datasheet HTML 260Page - Infineon Technologies AG C161 Datasheet HTML 261Page - Infineon Technologies AG C161 Datasheet HTML 262Page - Infineon Technologies AG C161 Datasheet HTML 263Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 400 page
background image
&3,
7KH +LJK6SHHG 6\QFKURQRXV 6HULDO ,QWHUIDFH
User’s Manual
12-13
1999-08
12.5
Baud Rate Generation
The serial channel SSC has its own dedicated 16-bit baud rate generator with 16-bit
reload capability, permitting baud rate generation independent from the timers.
The baud rate generator is clocked with the CPU clock divided by 2 (
f
CPU/2). The timer
is counting downwards and can be started or stopped through the global enable bit
SSCEN in register SSCCON. Register SSCBR is the dual-function Baud Rate
Generator/Reload register. Reading SSCBR, while the SSC is enabled, returns the
content of the timer. Reading SSCBR, while the SSC is disabled, returns the
programmed reload value. In this mode the desired reload value can be written to
SSCBR.
Note: Never write to SSCBR, while the SSC is enabled.
The formulas below calculate either the resulting baud rate for a given reload value, or
the required reload value for a given baudrate:
<SSCBR> represents the content of the reload register, taken as an unsigned 16-bit
integer.
The table below lists some possible baud rates together with the required reload values
and the resulting bit times, for different CPU clock frequencies.
Table 12-1
SSC Baudrate Calculations
Baud Rate for
f
CPU = ...
Bit Time for
f
CPU = ...
Reload
Value
(SSCBR)
16 MHz
20 MHz
25 MHz
16 MHz
20 MHz
25 MHz
Reserved. SSCBR must be > 0.
Reserved. SSCBR must be > 0.
0000
H
4.00 MBaud 5.00 MBaud 6.25 MBaud 250
ns
200
ns
160
ns
0001
H
2.67 MBaud 3.33 MBaud 4.17 MBaud 375
ns
300
ns
240
ns
0002
H
2.00 MBaud 2.50 MBaud 3.13 MBaud 500
ns
400
ns
320
ns
0003
H
1.60 MBaud 2.00 MBaud 2.50 MBaud 625
ns
500
ns
400
ns
0004
H
1.00 MBaud 1.25 MBaud 1.56 MBaud 1.00
µs 800
ns
640
ns
0007
H
800 KBaud 1.0 MBaud 1.25 MBaud 1.25
µs1
µs 800
ns
0009
H
100 KBaud 125 KBaud 156 KBaud 10
µs8
µs6.4
µs
004F
H
80
KBaud 100 KBaud 125 KBaud 12.5
µs10
µs8
µs0063
H
64
KBaud 80
KBaud 100 KBaud 15.6
µs12.5 µs10
µs007C
H
1.0 KBaud 1.25 KBaud 1.56 KBaud 1
ms
800
µs 640
µs1F3F
H
B
SSC =
fCPU
2 * (<SSCBR> + 1)
SSCBR = (
fCPU
2 * Baudrate
SSC
) - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com