Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 263 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 263 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 259Page - Infineon Technologies AG C161 Datasheet HTML 260Page - Infineon Technologies AG C161 Datasheet HTML 261Page - Infineon Technologies AG C161 Datasheet HTML 262Page - Infineon Technologies AG C161 Datasheet HTML 263Page - Infineon Technologies AG C161 Datasheet HTML 264Page - Infineon Technologies AG C161 Datasheet HTML 265Page - Infineon Technologies AG C161 Datasheet HTML 266Page - Infineon Technologies AG C161 Datasheet HTML 267Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 400 page
background image
&3,
7KH :DWFKGRJ 7LPHU :'7
User’s Manual
13-1
1999-08
13
The Watchdog Timer (WDT)
To allow recovery from software or hardware failure, the C161PI provides a Watchdog
Timer. If the software fails to service this timer before an overflow occurs, an internal
reset sequence will be initiated. This internal reset will also pull the RSTOUT pin low,
which also resets the peripheral hardware which might be the cause for the malfunction.
When the watchdog timer is enabled and the software has been designed to service it
regularly before it overflows, the watchdog timer will supervise the program execution as
it only will overflow if the program does not progress properly. The watchdog timer will
also time out if a software error was due to hardware related failures. This prevents the
controller from malfunctioning for longer than a user-specified time.
Note: When the bidirectional reset is enabled also pin RSTIN will be pulled low for the
duration of the internal reset sequence upon a software reset or a watchdog timer
reset.
The watchdog timer provides two registers:
• a read-only timer register that contains the current count, and
• a control register for initialization and reset source detection.
Figure 13-1
SFRs and Port Pins associated with the Watchdog Timer
The watchdog timer is a 16-bit up counter which is clocked with the prescaled CPU clock
(
f
CPU). The prescaler divides the CPU clock...
• by 2 (WDTIN = ’0’), or
• by 128 (WDTIN = ’1’).
WDTCON
RSTOUT
(deactivated by EINIT)
Reset Indication Pins
Davta Registers
Control Registers
WDT
RSTIN
(bidirectional reset only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com