Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 261 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 261 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 257Page - Infineon Technologies AG C161 Datasheet HTML 258Page - Infineon Technologies AG C161 Datasheet HTML 259Page - Infineon Technologies AG C161 Datasheet HTML 260Page - Infineon Technologies AG C161 Datasheet HTML 261Page - Infineon Technologies AG C161 Datasheet HTML 262Page - Infineon Technologies AG C161 Datasheet HTML 263Page - Infineon Technologies AG C161 Datasheet HTML 264Page - Infineon Technologies AG C161 Datasheet HTML 265Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 400 page
background image
&3,
7KH +LJK6SHHG 6\QFKURQRXV 6HULDO ,QWHUIDFH
User’s Manual
12-15
1999-08
Note: If this error condition occurs and bit SSCAREN=’1’, an automatic reset of the SSC
will be performed in case of this error. This is done to reinitialize the SSC, if too
few or too many clock pulses have been detected.
A Transmit Error (Slave mode) is detected, when a transfer was initiated by the master
(shift clock gets active), but the transmit buffer SSCTB of the slave was not updated
since the last transfer. This condition sets the error flag SSCTE and, when enabled via
SSCTEN, the error interrupt request flag SSCEIR. If a transfer starts while the transmit
buffer is not updated, the slave will shift out the ’old’ contents of the shift register, which
normally is the data received during the last transfer.
This may lead to the corruption of the data on the transmit/receive line in half-duplex
mode (open drain configuration), if this slave is not selected for transmission. This mode
requires that slaves not selected for transmission only shift out ones, i.e. their transmit
buffers must be loaded with ’FFFF
H’ prior to any transfer.
Note: A slave with push/pull output drivers, which is not selected for transmission, will
normally have its output drivers switched. However, in order to avoid possible
conflicts or misinterpretations, it is recommended to always load the slave's
transmit buffer prior to any transfer.
Figure 12-6
SSC Error Interrupt Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com