Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 256 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 256 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 252Page - Infineon Technologies AG C161 Datasheet HTML 253Page - Infineon Technologies AG C161 Datasheet HTML 254Page - Infineon Technologies AG C161 Datasheet HTML 255Page - Infineon Technologies AG C161 Datasheet HTML 256Page - Infineon Technologies AG C161 Datasheet HTML 257Page - Infineon Technologies AG C161 Datasheet HTML 258Page - Infineon Technologies AG C161 Datasheet HTML 259Page - Infineon Technologies AG C161 Datasheet HTML 260Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 400 page
background image
&3,
7KH +LJK6SHHG 6\QFKURQRXV 6HULDO ,QWHUIDFH
User’s Manual
12-10
1999-08
12.2
Half Duplex Operation
In a half duplex configuration only one data line is necessary for both receiving and
transmitting of data. The data exchange line is connected to both pins MTSR and MRST
of each device, the clock line is connected to the SCLK pin.
The master device controls the data transfer by generating the shift clock, while the slave
devices receive it. Due to the fact that all transmit and receive pins are connected to the
one data exchange line, serial data may be moved between arbitrary stations.
Similar to full duplex mode there are two ways to avoid collisions on the data
exchange line:
• only the transmitting device may enable its transmit pin driver
• the non-transmitting devices use open drain output and only send ones.
Since the data inputs and outputs are connected together, a transmitting device will clock
in its own data at the input pin (MRST for a master device, MTSR for a slave). By these
means any corruptions on the common data exchange line are detected, where the
received data is not equal to the transmitted data.
Figure 12-5
SSC Half Duplex Configuration
MCS01965
Common
Transmit/
Receive
Line
MRST
SCLK
Device #2
Slave
Clock
Shift Register
MTSR
Clock
Master
Device #1
Clock
MTSR
MRST
SCLK
Shift Register
Shift Register
Clock
Slave
Device #3
SCLK
MTSR
MRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com