Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 101 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 101 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 97Page - ASIX Electronics Corporation AX58200 Datasheet HTML 98Page - ASIX Electronics Corporation AX58200 Datasheet HTML 99Page - ASIX Electronics Corporation AX58200 Datasheet HTML 100Page - ASIX Electronics Corporation AX58200 Datasheet HTML 101Page - ASIX Electronics Corporation AX58200 Datasheet HTML 102Page - ASIX Electronics Corporation AX58200 Datasheet HTML 103Page - ASIX Electronics Corporation AX58200 Datasheet HTML 104Page - ASIX Electronics Corporation AX58200 Datasheet HTML 105Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 180 page
background image
101
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
ESC (EtherCAT) Sub-system
2.43.1 Overview
The AX58200 implements a 2/3-port EtherCAT slave controller (ESC), licensed from Beckhoff Automation, with
9 Kbytes Process Data RAM, 8 Fieldbus Memory Management Units (FMMUs), 8 Sync-Managers and a 64-bit
Distributed Clock.
Port 0 and 1 integrate embedded Ethernet PHYs, and port 2 is an optional MII interface which are multi-function
pins shared with other interfaces (i.e. PWM, Hall, etc.). Packets are forwarded in the following order: Port 0-
>EtherCAT Processing Unit->Port 1->Port 2.
The AX58200 supports function register mirror from/to ESC memory space. The mirror registers located at process
data memory address from 0x3000 to 0x33FF.
For detailed information about the EtherCAT technology, the EtherCAT core mechanisms, and major features, we
refer to the official standard documentations and guidelines available from ETG (www.ethercat.org, ETG.1000),
IEC (http://www.iec.ch, IEC61158, IEC61784-2, IEC 61800-7), and Beckhoff (http://www.beckhoff.de, technical
specification) web sites.
The AX58200 requires a crystal (25MHz, ±25 PPM at room temperature) as the clock source. Internal PLL
generates the 100MHz clock for EtherCAT Slave Controller (ESC) and also for other functions.
The AX58200 has three reset sources. First, during the VCCK power-on, the internal Power-On-Reset (POR) can
generate a reset pulse to reset all the function blocks when the VCCK power pin rises to a certain threshold voltage
level. The second reset is RSTn pin, which is to do the fundamental reset. And third, EtherCAT command reset,
the EtherCAT master can send reset sequence to force AX58200 reset. AX58200 also supports a reset output
RSTO polarity bootstrap configuration (RSTO_POL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com