Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 160 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 160 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 156Page - ASIX Electronics Corporation AX58200 Datasheet HTML 157Page - ASIX Electronics Corporation AX58200 Datasheet HTML 158Page - ASIX Electronics Corporation AX58200 Datasheet HTML 159Page - ASIX Electronics Corporation AX58200 Datasheet HTML 160Page - ASIX Electronics Corporation AX58200 Datasheet HTML 161Page - ASIX Electronics Corporation AX58200 Datasheet HTML 162Page - ASIX Electronics Corporation AX58200 Datasheet HTML 163Page - ASIX Electronics Corporation AX58200 Datasheet HTML 164Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 180 page
background image
160
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Figure 3.11-18: MDC/MDIO Write access
Figure 3.11-19: MDC/MDIO Read access
Symbol
Description
Min
Typ
Max
Units
TMDC
MDC period
400 (≈ 2.5 MHz)
ns
T
Write
MI Write access time
25.6
us
T
Read
MI Read access time
25.4
us
TMI_startup
Time between reset end and the first access of MI Link
detection and configuration
1.34
ms
Table 3.11-4: MDC/MDIO Timing Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com