Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 158 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 158 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 154Page - ASIX Electronics Corporation AX58200 Datasheet HTML 155Page - ASIX Electronics Corporation AX58200 Datasheet HTML 156Page - ASIX Electronics Corporation AX58200 Datasheet HTML 157Page - ASIX Electronics Corporation AX58200 Datasheet HTML 158Page - ASIX Electronics Corporation AX58200 Datasheet HTML 159Page - ASIX Electronics Corporation AX58200 Datasheet HTML 160Page - ASIX Electronics Corporation AX58200 Datasheet HTML 161Page - ASIX Electronics Corporation AX58200 Datasheet HTML 162Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 180 page
background image
158
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Symbol
Parameter
Typical
Units
Up to 16 Kbit
32 Kbit-4 Mbit
T
Clk
EEPROM clock period
6.72 (≈ 150 KHz)
us
T
Write
Write access time (without errors)
250
310
us
T
Read
Read access time
(without errors):
2 words
440
500
us
configuration (8 Words)
1.16
1.22
ms
T
Delay
Time until configuration loading begins
after Reset is gone
65.5
us
Table 3.11-1: I2C EEPROM Timing Table
3.11.9 ESC Port 2 MII Timing
Figure 3.11-16: Port 2 MII TX Timing Diagram
Symbol
Description
Min
Typ
Max
Units
TCLK25
MCLK output
-
40
-
ns
TTX_delay
TX_EN/TXD[3:0] delay after rising edge of
MCLK
-
-
2
ns
TPHY_TX_CLK
Delay between MCLK and TX_CLK output of
the PHY
-
PHY
dependent
-
ns
TPHY_TX_setup
PHY setup time
PHY
dependent
-
-
ns
TPHY_TX_hold
PHY hold time
PHY
dependent
-
-
ns
Table 3.11-2: Port 2 MII TX Timing Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com