Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 155 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 155 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 151Page - ASIX Electronics Corporation AX58200 Datasheet HTML 152Page - ASIX Electronics Corporation AX58200 Datasheet HTML 153Page - ASIX Electronics Corporation AX58200 Datasheet HTML 154Page - ASIX Electronics Corporation AX58200 Datasheet HTML 155Page - ASIX Electronics Corporation AX58200 Datasheet HTML 156Page - ASIX Electronics Corporation AX58200 Datasheet HTML 157Page - ASIX Electronics Corporation AX58200 Datasheet HTML 158Page - ASIX Electronics Corporation AX58200 Datasheet HTML 159Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 180 page
background image
155
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
3.11.7 SDIO Dynamic characteristics
SDIO Default Mode Timing
在嗎
Parameter
Min
Typ
Max
Unit
Test Condition
TP_SD_CLK
SD_CLK Period
(Data Transfer Mode)
40
-
-
ns
-
TP_SD_CLK_ID
SD_CLK Period
(Identification Mode)
2,500
-
-
ns
TH_SD_CLK
SD_CLK High Time
-
20
-
ns
-
TL_SD_CLK
SD_CLK Low Time
-
20
-
ns
-
TSU_SD_IN
SD_DATA Setup Time to
SD_CLK Rising
5
-
-
ns
-
THD_SD_IN
SD_DATA Hold Time from
SD_CLK Rising
5
-
-
ns
-
TDLY_SD_OUT
SD_CLK Falling to
Valid SD_DATA Delay
-
-
14
ns
-
SDIO high-speed mode
Symbol
Parameter
Min
Typ
Max
Unit
Test Condition
TP_SD_CLK
SD_CLK Period
20
-
-
ns
-
TH_SD_CLK
SD_CLK High Time
7
-
-
ns
-
TL_SD_CLK
SD_CLK Low Time
7
-
-
ns
-
TSU_SD_IN
SD_DATA Setup Time to
SD_CLK Rising
6
-
-
ns
-
THD_SD_IN
SD_DATA Hold Time from
SD_CLK Rising
2
-
-
ns
-
TDLY_SD_OUT
SD_CLK Falling to
Valid SD_DATA Delay
-
-
14
ns
-
THD_SD_OUT
SD_DATA Hold Time from SD_CLK
Rising
2.5
-
-
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com