Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 153 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 153 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 149Page - ASIX Electronics Corporation AX58200 Datasheet HTML 150Page - ASIX Electronics Corporation AX58200 Datasheet HTML 151Page - ASIX Electronics Corporation AX58200 Datasheet HTML 152Page - ASIX Electronics Corporation AX58200 Datasheet HTML 153Page - ASIX Electronics Corporation AX58200 Datasheet HTML 154Page - ASIX Electronics Corporation AX58200 Datasheet HTML 155Page - ASIX Electronics Corporation AX58200 Datasheet HTML 156Page - ASIX Electronics Corporation AX58200 Datasheet HTML 157Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 180 page
background image
153
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
3.11.6 Ethernet Characteristics
RMII Interface Timing
Symbol
Parameter
Min
Typ
Max
Unit
Test Condition
TP_RMII_REFCLK
RMII_REFCLK Period
-
20.0 +/- 50
ppm
-
ns
-
TH_RMII_REFCLK
RMII_REFCLK High Time
8.0
10.0
12.0
ns
-
TL_RMII_REFCLK
RMII_REFCLK Low Time
8.0
10.0
12.0
ns
-
TDLY_RMII_TX
RMII_REFCLK Rising to Valid
RMII_TXEN, RMII_TXDATA0 and
RMII_TXDATA1 Delay
-
-
10
ns
-
TSU_RMII_RX
RMII_CRSDV, RMII_RXDATA0 and
RMII_RXDATA1 Setup Time to
RMII_REFCLK Rising
5
-
-
ns
-
THD_RMII_RX
RMII_CRSDV, RMII_RXDATA0
and RMII_RXDATA1 Hold Time
from RMII_REFCLK Rising
2
-
-
ns
-
RMIIx_REFCLK
TP_RMII_REFCLK
TH_RMII_REFCLK
TL_RMII_REFCLK
RMIIx_TXEN
RMIIx_TXDATA0
RMIIx_TXDATA1
TDLY_RMII_TX
RMIIx_CRSDV
RMIIx_RXDATA0
RMIIx_RXDATA1
TSU_RMII_RX
THD_RMII_RX
Figure 3.11-9 RMII Interface Timing Diagram
Ethernet PHY Management Interface Timing
Symbol
Parameter
Min
Typ
Max
Unit
Test Condition
TP_RMII_MDC
RMII_MDC Period
400
-
-
ns
-
TH_RMII_MDC
RMII_MDC High Time
200
-
-
ns
-
TL_RMII_MDC
RMII_MDC Low Time
200
-
-
ns
-
TDLY_RMII_MDIOWR
RMII_MDC Falling to Valid
RMII_MDIO Delay
-
-
10
ns
-
TSU_RMII_MDIORD
RMII_MDIO Setup Time to
RMII_MDC Rising
10
-
-
ns
-
THD_RMII_MDIORD
RMII_MDIO Hold Time from
RMII_MDC Rising
10
-
-
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com