Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 119 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 119 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 115Page - Dallas Semiconductor DS3172 Datasheet HTML 116Page - Dallas Semiconductor DS3172 Datasheet HTML 117Page - Dallas Semiconductor DS3172 Datasheet HTML 118Page - Dallas Semiconductor DS3172 Datasheet HTML 119Page - Dallas Semiconductor DS3172 Datasheet HTML 120Page - Dallas Semiconductor DS3172 Datasheet HTML 121Page - Dallas Semiconductor DS3172 Datasheet HTML 122Page - Dallas Semiconductor DS3172 Datasheet HTML 123Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
119 of 231
12 REGISTER MAPS AND DESCRIPTIONS
12.1 Registers Bit Maps
Note: In 8-bit mode, register bits[15:8] correspond to the upper byte, and register bits[7:0] correspond to the lower
byte. For example, address 001h is the upper byte (bits [15:8]) and address 000h is the lower byte (bits [7:0]) for
register GL.IDR in 8-bit mode.
All registers listed, including those designated Unused and Reserved, will cause the
RDY signal to go low when
written to or read from.
The “—“ designation indicates that the bit is not assigned.
12.1.1 Global Register Bit Map
Table 12-1. Global Register Bit Map
Address
Register
Type Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
16-bit 8-bit
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
000
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
000
001
GL.IDR
R
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
002
TMEI
MEIMS
GPM1
GPM0
PMU
LSBCRE
RSTDP
RST
002
003
GL.CR1
RW
GWRM
INTM
RES
--
RES
RES
RES
RES
004
--
--
--
--
CLAD3
CLAD2
CLAD1
CLAD0
004
005
GL.CR2
RW
--
--
--
G8KRS2 G8KRS1 G8KRS0 G8K0S
G8KIS
006-
--
--
--
--
--
--
--
--
006-
008
009
UNUSED
--
--
--
--
--
--
--
--
00A
GPIO4S1 GPIO4S0 GPIO3S1 GPIO3S0 GPIO2S1 GPIO2S0 GPIO1S1 GPIO1S0
00A
00B
GL.GIOCR
RW
GPIO8S1 GPIO8S0 GPIO7S1 GPIO7S0 GPIO6S1 GPIO6S0 GPIO5S1 GPIO5S0
00C
--
--
--
--
--
--
--
--
00C
00D
UNUSED
--
--
--
--
--
--
--
--
010
PISR4
PISR3
PISR2
PISR1
--
--
RES
GSR
010
011
GL.ISR
R
--
--
--
--
--
--
--
--
012
PISRIE4 PISRIE3 PISRIE2 PISRIE1
--
--
RES
GSRIE
012
013
GL.ISRIE
RW
--
--
--
--
--
--
--
--
014
--
--
--
--
--
--
CLOL
GPMS
014
015
GL.SR
R
--
--
--
--
--
--
--
--
016
--
--
--
8KREFL
CLADL
ONESL
CLOLL
GPMSL
016
017
GL.SRL
RL
--
--
--
--
--
--
--
--
018
--
--
--
--
--
ONESIE
CLOLIE
GPMSIE
018
019
GL.SRIE
R
--
--
--
--
--
--
--
--
01A
--
--
--
--
--
--
--
--
01A
01B
UNUSED
--
--
--
--
--
--
--
--
01C
GPIO8
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
01C
01D
GL.GIORR
R
--
--
--
--
--
--
--
--
01E
--
--
--
--
--
--
--
--
01E
01F
UNUSED
--
--
--
--
--
--
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com