Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 115 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 115 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 111Page - Dallas Semiconductor DS3172 Datasheet HTML 112Page - Dallas Semiconductor DS3172 Datasheet HTML 113Page - Dallas Semiconductor DS3172 Datasheet HTML 114Page - Dallas Semiconductor DS3172 Datasheet HTML 115Page - Dallas Semiconductor DS3172 Datasheet HTML 116Page - Dallas Semiconductor DS3172 Datasheet HTML 117Page - Dallas Semiconductor DS3172 Datasheet HTML 118Page - Dallas Semiconductor DS3172 Datasheet HTML 119Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
115 of 231
For E3 LOS Assertion:
The ALOS detector in the AGC/equalizer block detects that the incoming signal is less than or equal to a signal
level approximately 24dB below nominal, and mutes the data coming out of the clock and data recovery block.
(24dB below nominal in the “tolerance range” of G.775, where LOS may or may not be declared.)
For E3 LOS Clear:
The ALOS detector in the AGC/equalizer block detects that the incoming signal is greater than or equal to a signal
level approximately 18dB below nominal, and enables data to come out of the CDR block. (18dB is in the
“tolerance range” of G.775, where LOS may or may not be declared.)
10.12.5.6 Receiver Power-Down
To minimize power consumption when the receiver is not being used, write a one to the PORT.CR1.PD bit. When
the receiver is powered down, the RCLKOn pin is tri-stated. In addition, the RXPn and RXNn pins become high
impedance.
10.12.5.7 Receiver Jitter Tolerance.
The receiver exceeds the input jitter tolerance requirements of all applicable telecommunication standards in Table
4-1. See Figure 10-33.
Figure 10-33. Receiver Jitter Tolerance
10
100
1k
10k
100k
1M
60k
22.3k
2.3k
669
0.1
1.0
10
300k
800k
300
30
0.1
0.15
0.3
10
5
1.5
E3 G.823
DS3 GR-499 Cat II
DS3 GR-499 Cat I
DS317x JITTER TOLERANCE
15
STS-1 GR253
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com