Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 113 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 113 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 109Page - Dallas Semiconductor DS3172 Datasheet HTML 110Page - Dallas Semiconductor DS3172 Datasheet HTML 111Page - Dallas Semiconductor DS3172 Datasheet HTML 112Page - Dallas Semiconductor DS3172 Datasheet HTML 113Page - Dallas Semiconductor DS3172 Datasheet HTML 114Page - Dallas Semiconductor DS3172 Datasheet HTML 115Page - Dallas Semiconductor DS3172 Datasheet HTML 116Page - Dallas Semiconductor DS3172 Datasheet HTML 117Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
113 of 231
The transmitter line driver can be disabled and the TXPn and TXNn outputs tri-stated by asserting the LTS
configuration bit (PORT.CR2.LTS). Powering down the transmitter through the TPD configuration bit (CPU bus
mode) also tri-states the TXPn and TXNn outputs.
10.12.4.3 Interfacing to the Line
The transmitter interfaces to the outgoing DS3/E3 coaxial cable (75
W) through a 2:1 step-down transformer
connected to the TXPn and TXNn pins. Figure 1-1 shows the arrangement of the transformer and other
recommended interface components. Table 10-33 specifies the required characteristics of the transformer.
10.12.4.4 Transmit Driver Monitor
If the transmit driver monitor detects a faulty transmitter, it sets the PORT.SR.TDM status bit. When the transmitter
is tri-stated, the transmit driver monitor is also disabled. The transmitter is declared to be faulty when the
transmitter outputs see a load of less than ~25
W.
10.12.4.5 Transmitter Power-Down
To minimize power consumption when the transmitter is not being used, assert the PORT.CR1.PD configuration
bit. When the transmitter is powered down, the TXPn and TXNn pins are put in a high-impedance state and the
transmit amplifiers are powered down.
10.12.4.6 Transmitter Jitter Generation (Intrinsic)
The transmitter meets the jitter generation requirements of all applicable standards, with or without the jitter
attenuator enabled.
10.12.4.7 Transmitter Jitter Transfer
Without the jitter attenuator enabled in the transmit side, the transmitter passes jitter through unchanged. With the
jitter attenuator enabled in the transmit side, the transmitter meets the jitter transfer requirements of all applicable
telecommunication standards. See Table 4-1.
10.12.5 Receiver
10.12.5.1 Interfacing to the Line
The receiver can be transformer-coupled or capacitor-coupled to the line. Typically, the receiver interfaces to the
incoming coaxial cable (75
W) through a 1:2 step-up transformer. Figure 1-1 shows the arrangement of the
transformer and other recommended interface components. Table 10-33 specifies the required characteristics of
the transformer. Figure 10-32 shows a general overview of the LIU block. The receiver expects the incoming signal
to be in B3ZS- or HDB3-coded AMI format.
Table 10-33. Transformer Characteristics
PARAMETER
VALUE
Turns Ratio
1:2ct
±2%
Bandwidth 75
W
0.250MHz to 500MHz (typ)
Primary Inductance
19
mH (min)
Leakage Inductance
0.12
mH (max)
Interwinding Capacitance
10pF (max)
Isolation Voltage
1500VRMS (min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com