Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 116 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 116 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 112Page - Dallas Semiconductor DS3172 Datasheet HTML 113Page - Dallas Semiconductor DS3172 Datasheet HTML 114Page - Dallas Semiconductor DS3172 Datasheet HTML 115Page - Dallas Semiconductor DS3172 Datasheet HTML 116Page - Dallas Semiconductor DS3172 Datasheet HTML 117Page - Dallas Semiconductor DS3172 Datasheet HTML 118Page - Dallas Semiconductor DS3172 Datasheet HTML 119Page - Dallas Semiconductor DS3172 Datasheet HTML 120Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
116 of 231
11 OVERALL REGISTER MAP
The register addresses of the global, test and all four ports are concatenated to cover the address range of 000 to
7FF. The address map requires 11 bits of address, ADR[10:0]. The upper address bit A[10] is decoded for the
DS3174 and DS3173 devices. The upper address bit A[10] it is not used by the DS3172 and DS3171 devices and
must be tied low at the pin.
The register banks that are not marked with an “X” are not writeable and read back all zeros. Bits that are
underlined are read-only; all other bits are read-write.
Unused bits and registers marked with “—“ are ignored when written to, and return zero when read.
Configuration registers can be written to and read from during a data path reset (
DRST low, and RST high).
However, all changes to these registers will be ignored during the data path reset. As a result, all initiating action
requiring a “0 to 1” transition must be re-initiated after the data path reset is released.
All counters saturate at their maximum count. A counter register is updated by asserting (low to high transition) the
performance monitoring update signal (RPMU). During the counter register update process, the performance
monitoring status signal (RPMS) will be deasserted. The counter register update process consists of loading the
counter register with the current count, resetting the counter, forcing the zero count status indication low for one
clock period, and then asserting RPMS. No events shall be missed during an update procedure.
A latched bit is set when the associated event occurs, and remains set until it is cleared. Once cleared, a latched
bit will not be set again until the associated event reoccurs (goes away and comes back). A latched on change bit
is a latched bit that is set when the event occurs, and when it goes away. A latched status bit can be cleared using
clear on read or clear on write techniques, selectable by the GL.CR1.LSBCRE bit. When clear on read is selected,
the latched bits in a latched status register will be cleared after the register is read from. If the device is configured
for 16-bit mode, all 16 latched status bits will be cleared. If the device is configured for 8-bit mode, only the 8 bits
being accessed will be cleared. When clear on write is selected, the latched bits in a latched status register will be
cleared when a logic 1 is written to that bit position. For example, writing a FFFFh to a 16-bit latched status register
will clear any latched status bit, whereas writing a 0001h will only clear latched bit 0 of the latched status register.
Reserved bits and registers are implemented in a different mode. Reserved configuration bits and registers can be
written and read, however they will not effect the operation of the current mode. Reserved status bits will be zero.
Reserved latched status bits cannot be set, however, they may remain set or get set during a mode change.
Reserved interrupt enable bits can be written and read, and can cause an interrupt if the associated latched status
bit is set. Reserved counter registers and the associated counter will retain the values held before a mode change,
however, the associated counter cannot be incremented. A performance monitor update will operate normally. If
the data path reset is set during or after a mode change, the latched status bits and counter registers (with the
associated counters) will be automatically cleared. If the data path reset is not used, then the latched status bits
must be cleared via the register interface in the normal manner. And, the counter registers must be cleared by
performing two performance monitor updates. The first to clear the associated counter, and load the current count
into the counter register, and the second to clear the counter register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com