Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 112 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 112 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 108Page - Dallas Semiconductor DS3172 Datasheet HTML 109Page - Dallas Semiconductor DS3172 Datasheet HTML 110Page - Dallas Semiconductor DS3172 Datasheet HTML 111Page - Dallas Semiconductor DS3172 Datasheet HTML 112Page - Dallas Semiconductor DS3172 Datasheet HTML 113Page - Dallas Semiconductor DS3172 Datasheet HTML 114Page - Dallas Semiconductor DS3172 Datasheet HTML 115Page - Dallas Semiconductor DS3172 Datasheet HTML 116Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
112 of 231
10.12.3 Detailed Description
The receiver performs clock and data recovery from an alternate mark inversion (AMI) coded signal or a B3ZS- or
HDB3-coded AMI signal and monitors for loss of the incoming signal. The transmitter drives standard pulse-shape
waveforms onto 75
W coaxial cable. Refer to Figure 10-32 for a detailed functional block diagram of the DS3/E3
LIU. The jitter attenuator can be mapped into the receiver data path, mapped into the transmitter data path, or be
disabled. The DS3/E3 LIU conforms to the telecommunications standards listed in Table 4-1. Figure 1-1 shows the
external components required for proper operation.
Figure 10-32. DS3/E3 LIU Block Diagram
Analog
Local
Loopback
Clock &
Data
Recovery
RXPn
RXNn
TXPn
TXNn
Power
Supply
squelch
Driver
Monitor
VDD
VSS
Automatic
Gain
Control
+
Adaptive
Equalizer
ALOS
CLKC
Clock Rate
Adapter
CLKB
CLKA
TO B3ZS/HDB3
DECODER
FROM B3ZS/HDB3
ENCODER
FROM DS3/E3
LINE
TO DS3/E3 LINE
10.12.4 Transmitter
10.12.4.1 Transmit Clock
The clock used in the LIU Transmitter is typically based on either the CLAD clock or TCLKI, selected by the
CLADC bit in PORT.CR3.
10.12.4.2 Waveshaping, Line Build-Out, Line Driver
The waveshaping block converts the transmit clock, positive data, and negative data signals into a single AMI
signal with the waveshape required for interfacing to DS3/E3 lines. Table 18-6 through Table 18-8 and Figure 18-9
(AC Timing section) show the waveform template specifications and test parameters.
Because DS3 signals must meet the waveform templates at the cross-connect through any cable length from 0 to
450ft, the waveshaping circuitry includes a selectable LBO feature. For cable lengths of 225ft or greater, the TLBO
configuration bit (PORT.CR2.TLBO) should be low. When TLBO is low, output pulses are driven onto the coaxial
cable without any preattenuation. For cable lengths less than 225ft, TLBO should be high to enable the LBO
circuitry. When TLBO is high, pulses are preattenuated by the LBO circuitry before being driven onto the coaxial
cable. The LBO circuitry provides attenuation that mimics the attenuation of 225ft of coaxial cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com