Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 108 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 108 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 104Page - Dallas Semiconductor DS3172 Datasheet HTML 105Page - Dallas Semiconductor DS3172 Datasheet HTML 106Page - Dallas Semiconductor DS3172 Datasheet HTML 107Page - Dallas Semiconductor DS3172 Datasheet HTML 108Page - Dallas Semiconductor DS3172 Datasheet HTML 109Page - Dallas Semiconductor DS3172 Datasheet HTML 110Page - Dallas Semiconductor DS3172 Datasheet HTML 111Page - Dallas Semiconductor DS3172 Datasheet HTML 112Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
108 of 231
Table 10-31. Pseudorandom Pattern Generation
BERT.PCR Register
BERT.CR
PATTERN TYPE
PTF[4:0]
(hex)
PLF[4:0]
(hex)
PTS
QRSS
BERT.
PCR
BERT.
SPR2
BERT.
SPR1
TPIC,
RPIC
2
9-1 O.153 (511 type)
04
08
0
0
0x0408
0xFFFF
0xFFFF
0
2
11-1 O.152 and O.153
(2047 type)
08
0A
0
0
0x080A
0xFFFF
0xFFFF
0
2
15-1 O.151
0D
0E
0
0
0x0D0E
0xFFFF
0xFFFF
1
2
20-1 O.153
10
13
0
0
0x1013
0xFFFF
0xFFFF
0
2
20-1 O.151 QRSS
02
13
0
1
0x0253
0xFFFF
0xFFFF
0
2
23-1 O.151
11
16
0
0
0x1116
0xFFFF
0xFFFF
1
Table 10-32. Repetitive Pattern Generation
BERT.PCR Register
PATTERN TYPE
PTF[4:0]
(hex)
PLF[4:0]
(hex)
PTS
QRSS
BERT.
PCR
BERT.
SPR2
BERT.
SPR1
all 1s
NA
00
1
0
0x0020
0xFFFF
0xFFFF
all 0s
NA
00
1
0
0x0020
0xFFFF
0xFFFE
alternating 1s and 0s
NA
01
1
0
0x0021
0xFFFF
0xFFFE
double alternating and 0s
NA
03
1
0
0x0023
0xFFFF
0xFFFC
3 in 24
NA
17
1
0
0x0037
0xFF20
0x0022
1 in 16
NA
0F
1
0
0x002F
0xFFFF
0x0001
1 in 8
NA
07
1
0
0x0027
0xFFFF
0xFF01
1 in 4
NA
03
1
0
0x0023
0xFFFF
0xFFF1
After configuring these bits, the pattern must be loaded into the BERT. This is accomplished via a zero-to-one
transition on BERT.CR.TNPL and BERT.CR.RNPL
Monitoring the BERT requires reading the BERT.SR Register which contains the Bit Error Count (BEC) bit and the
Out of Synchronization (OOS) bit. The BEC bit will be one when the bit error counter is one or more. The OOS will
be one when the receive pattern generator is not synchronized to the incoming pattern, which will occur when it
receives a minimum 6 bit errors within a 64 bit window. The Receive BERT Bit Count Register (BERT.RBCR1) and
the Receive BERT Bit Error Count Register (BERT.RBECR1) will be updated upon the reception of a Performance
Monitor Update signal (e.g. BERT.CR.LPMU). This signal will update the registers with the values of the counter
since the last update and will reset the counters. See Section 10.4.5 for more details of the PMU.
10.11.4 Receive Pattern Detection
When the Receive BERT is enabled it can be used as an off-line monitor. The incoming datastream flows to the
receive BERT as well as the DS3/E3 backplane.
The Receive BERT receives only the payload data and synchronizes the receive pattern generator to the incoming
pattern. The receive pattern generator is a 32-bit shift register that shifts data from the least significant bit (LSB) or
bit 1 to the most significant bit (MSB) or bit 32. The input to bit 1 is the feedback. For a PRBS pattern (generating
polynomial x
n + xy + 1), the feedback is an XOR of bit n and bit y. For a repetitive pattern (length n), the feedback is
bit n. The values for n and y are individually programmable (1 to 32). The output of the receive pattern generator is
the feedback. If QRSS is enabled, the feedback is an XOR of bits 17 and 20, and the output will be forced to one if
the next 14 bits are all zeros. QRSS is programmable (on or off). For PRBS and QRSS patterns, the feedback will
be forced to one if bits 1 through 31 are all zeros. Depending on the type of pattern programmed, pattern detection
performs either PRBS synchronization or repetitive pattern synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com