| Electronic Components Datasheet Search |
|
DS3172 Datasheet(PDF) 104 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3172 Datasheet(HTML) 104 Page - Dallas Semiconductor |
|
104 / 232 page ![]() DS3171/DS3172/DS3173/DS3174 104 of 231 10.10 Line Encoder/Decoder 10.10.1 General Description The B3ZS/HDB3 Decoder converts a bipolar signal to a unipolar signal in the receive direction. B3ZS/HDB3 Encoder converts a unipolar signal to a bipolar signal in the transmit direction. In the transmit direction, the Encoder converts the unipolar signal to a bipolar signal, optionally performing zero suppression encoding (HDB3/B3ZS), optionally inserting errors, and outputs the bipolar signal. In the receive direction, the Decoder receives a bipolar signal, monitors it for alarms and errors, optionally performing zero suppression decoding (HDB3/B3ZS), and converts it to a unipolar signal. If the port line interface is configured for a Unipolar mode, the BPV detector will count pulses on the RLCVn pin. See Figure 10-25 for the locations of the Line Encoder/ Decoder block in the DS317x devices. Figure 10-25. Line Encoder/Decoder Block Diagram DS3/E3 Transmit LIU IEEE P1149.1 JTAG Test Access Port Microprocessor Interface HDLC FEAC DS3 / E3 Transmit Formatter DS3 / E3 Receive Framer Trail Trace Buffer DS3/E3 Receive LIU TAIS TUA1 Clock Rate Adapter TX BERT RX BERT UA1 GEN B3ZS/ HDB3 Encoder B3ZS/ HDB3 Decoder 10.10.2 Features · Performs bipolar to unipolar encoding and decoding – Converts a unipolar signal into an AMI bipolar signal (POS data, and NEG data) and vice versa. · Programmable zero suppression – B3ZS or HDB3 zero suppression encoding and decoding can be performed, or the bipolar data stream can be left as an AMI encoded data stream. · Programmable receive zero suppression code format – The signature of B3ZS or HDB3 is selectable. · Generates and detects alarms and errors – In the receive direction, detects LOS alarm condition BPV errors, and EXZ errors. In the transmit direction, errors can be inserted into the outgoing data stream. 10.10.3 B3ZS/HDB3 Encoder B3ZS/HDB3 Encoder performs unipolar to bipolar conversion and zero suppression encoding. Unipolar to bipolar conversion converts the unipolar data stream into an AMI bipolar data stream (POS and NEG). In an AMI bipolar data stream a zero is represented by a zero on both the POS and NEG signals, and a one is represented by a one on a bipolar signal (POS or NEG), and a zero on the other bipolar signal (NEG or POS). Successive ones are represented by ones that are alternately output on the POS and NEG signals. i.e., if a one is represented by a one on POS and a zero on NEG, the next one will be represented by a one on NEG and a zero on POS. Zero suppression encoding converts an AMI bipolar data stream into a B3ZS or HDB3 encoded bipolar data stream. A B3ZS encoded bipolar signal is generated by inserting a B3ZS signature into the bipolar data stream if both the POS and NEG signals are zero for three consecutive clock periods. An HDB3 encoded bipolar signal is |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |